Electronic Components Datasheet Search
  English  ▼

X  

STSPIN32F0A Datasheet(PDF) 5 Page - STMicroelectronics

Part # STSPIN32F0A
Description  Advanced BLDC controller with embedded STM32 MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0A Datasheet(HTML) 5 Page - STMicroelectronics

  STSPIN32F0A Datasheet HTML 1Page - STMicroelectronics STSPIN32F0A Datasheet HTML 2Page - STMicroelectronics STSPIN32F0A Datasheet HTML 3Page - STMicroelectronics STSPIN32F0A Datasheet HTML 4Page - STMicroelectronics STSPIN32F0A Datasheet HTML 5Page - STMicroelectronics STSPIN32F0A Datasheet HTML 6Page - STMicroelectronics STSPIN32F0A Datasheet HTML 7Page - STMicroelectronics STSPIN32F0A Datasheet HTML 8Page - STMicroelectronics STSPIN32F0A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
STSPIN32F0A
Description
DocID030766 Rev 2.0
5/41
1
Description
The STSPIN32F0A is a System-In-Package providing an integrated solution suitable for
driving three-phase BLDC motors using different driving modes.
It embeds a triple half-bridge gate driver able to drive power MOSFETs with a current
capability of 600 mA (sink and source). The high- and low-side switches of same half-
bridge cannot be simultaneously driven high thanks to an integrated interlocking function.
An internal DC/DC buck converter provides the 3.3 V voltage suitable to supply both the
MCU and external components. An internal LDO linear regulator provides the supply
voltage for gate drivers.
The integrated operational amplifiers are available for the signal conditioning, e.g. the
current sensing across the shunt resistors.
A comparator with a programmable threshold is integrated to perform the overcurrent
protection.
The integrated MCU (STM32F031C6 with extended temperature range, suffix 7 version)
allows performing field-oriented control, the 6-step sensorless and other advanced driving
algorithms. It has the write-protection and read-protection feature for the embedded Flash
memory to protect against unwanted writing and/or reading. It is possible to download the
firmware on-the-field through the serial interface thanks to the embedded bootloader.
The STSPIN32F0A device also features overtemperature and undervoltage lockout
protections and can be put in the standby mode to reduce the power consumption. The
device provides 16 general-purpose I/O ports (GPIO) with the 5 V tolerant capability, one
12-bit analog-to-digital converter with up to 9 channels performing conversions in a single-
shot or scan modes, 5 synchronizable general-purpose timers and supports an easy to use
debugging serial interface (SWD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com