Electronic Components Datasheet Search
  English  ▼

X  

STSPIN32F0A Datasheet(PDF) 10 Page - STMicroelectronics

Part # STSPIN32F0A
Description  Advanced BLDC controller with embedded STM32 MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STSPIN32F0A Datasheet HTML 6Page - STMicroelectronics STSPIN32F0A Datasheet HTML 7Page - STMicroelectronics STSPIN32F0A Datasheet HTML 8Page - STMicroelectronics STSPIN32F0A Datasheet HTML 9Page - STMicroelectronics STSPIN32F0A Datasheet HTML 10Page - STMicroelectronics STSPIN32F0A Datasheet HTML 11Page - STMicroelectronics STSPIN32F0A Datasheet HTML 12Page - STMicroelectronics STSPIN32F0A Datasheet HTML 13Page - STMicroelectronics STSPIN32F0A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Electrical data
STSPIN32F0A
10/41
DocID030766 Rev 2.0
3.4
Thermal data
Thermal values are calculated by simulation with the following boundary conditions: 2s2p
board as per the std. JEDEC (JESD51-7) in natural convection, board dimensions: 114.3 x
76.2 x 1.6 mm, ambient temperature: 25 °C.
Table 4: Thermal data
Symbol
Parameter
Value
Unit
Rth (JA)
Thermal resistance junction to ambient
45.6
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com