Electronic Components Datasheet Search
  English  ▼

X  

STSPIN32F0A Datasheet(PDF) 8 Page - STMicroelectronics

Part # STSPIN32F0A
Description  Advanced BLDC controller with embedded STM32 MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STSPIN32F0A Datasheet HTML 4Page - STMicroelectronics STSPIN32F0A Datasheet HTML 5Page - STMicroelectronics STSPIN32F0A Datasheet HTML 6Page - STMicroelectronics STSPIN32F0A Datasheet HTML 7Page - STMicroelectronics STSPIN32F0A Datasheet HTML 8Page - STMicroelectronics STSPIN32F0A Datasheet HTML 9Page - STMicroelectronics STSPIN32F0A Datasheet HTML 10Page - STMicroelectronics STSPIN32F0A Datasheet HTML 11Page - STMicroelectronics STSPIN32F0A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
Electrical data
STSPIN32F0A
8/41
DocID030766 Rev 2.0
3
Electrical data
3.1
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 1: "Absolute maximum
ratings" may cause permanent damage to the device. Exposure to maximum rating
conditions for extended periods may affect device reliability.
Table 1: Absolute maximum ratings
Symbol
Parameter
Test condition
Value
Unit
VM
Power supply voltage
-
-0.3 to 48
V
VREG12
Linear regulator output and gate driver
supply voltage
VREG12
shorted to VM
15
V
VOPP
Op amp positive input voltage
-
-0.2 to VDD + 0.2
V
VOPN
Op amp negative input voltage
-
-0.2 to VDD + 0.2
V
VCP
Comparator input voltage
-
-2 to 2
V
VHS
High-side gate output voltage
-
VOUT - 0.3 to VBOOT + 0.3
V
VLS
Low-side gate output voltage
-
-0.3 to VREG12 + 0.3
V
VBOOT
Bootstrap voltage
-
Max. (VOUT - 0.3 or -0.3) to
min. ('VOUT + VREG12 + 0.3' or
60)
V
VOUT
Output voltage (OUTU, OUTV, OUTW)
-
-2 to VM + 2
V
dVOUT/dt
Output slew rate
-
± 10
V/ns
VIO
MCU logic input voltage(1)
TTa type (1)
-0.3 to 4
V
(1) FT, FTf type
-0.3 to VDD + 4 (2)
BOOT0
0 to 9.0
IIO
MCU I/O output current
(1)
-25 to 25
mA
ΣIIO
MCU I/O total output current
(1), (3)
-80 to 80
mA
VDD
MCU digital supply voltage
(1)
-0.3 to 4
V
VDDA
MCU analog supply voltage
(1)
-0.3 to 4
V
Tstg
Storage temperature
-
-55 to 150
°C
Tj
Operating junction temperature
-
-40 to 150
°C
Notes:
(1)See Table 15 Voltage characteristics in the STM32F031C6 datasheet (suffix 7 version).
(2)Valid only if the internal pull-up/pull-down resistors are disabled. If internal the pull-up or pull-down resistor is enabled, the
maximum limit is 4 V.
(3)If the MCU supply voltage is provided by an integrated DC/DC regulator, the application current consumption is limited at
IDDA,max value (see
Table 5: "Electrical characteristics").



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com