Electronic Components Datasheet Search
  English  ▼

X  

STSPIN32F0A Datasheet(PDF) 9 Page - STMicroelectronics

Part # STSPIN32F0A
Description  Advanced BLDC controller with embedded STM32 MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STSPIN32F0A Datasheet HTML 5Page - STMicroelectronics STSPIN32F0A Datasheet HTML 6Page - STMicroelectronics STSPIN32F0A Datasheet HTML 7Page - STMicroelectronics STSPIN32F0A Datasheet HTML 8Page - STMicroelectronics STSPIN32F0A Datasheet HTML 9Page - STMicroelectronics STSPIN32F0A Datasheet HTML 10Page - STMicroelectronics STSPIN32F0A Datasheet HTML 11Page - STMicroelectronics STSPIN32F0A Datasheet HTML 12Page - STMicroelectronics STSPIN32F0A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
STSPIN32F0A
Electrical data
DocID030766 Rev 2.0
9/41
3.2
ESD protections
Table 2: ESD protection ratings
Symbol
Parameter
Test condition
Class
Value
Unit
HBM
Human body model
Conforming to ANSI/ESDA/JEDEC
JS-001-2014
H2
2
kV
CDM
Charge device model
Conforming to ANSI/ESDA/JEDEC
JS-002-2014
C2
750
V
3.3
Recommended operating conditions
Table 3: Recommended operating conditions
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VM
Power supply voltage
-
6.7
(1)
-
45
V
dVM/dt
Power supply voltage slope
VM = 45 V
-
-
0.75
V/µs
VDDA
DC/DC regulator output voltage
-
-
3.3
-
V
LSW
Output inductance
-
-
22
-
µH
CDDA
Output capacitance
-
47
-
-
µF
ESRDDA
Output capacitor ESR
-
-
-
200
mΩ
VREG12
Linear regulator output and gate
driver supply voltage
13 < VM < 45 V
-
12
-
V
Shorted to VM
6.7(1)
-
15
CREG
Load capacitance
-
1
10
-
µF
ESRREG
ESR load capacitance
-
-
-
1.2
Ω
VBO
Floating supply voltage (2)
-
-
VREG12 -
1
15
V
VCP
Comparator input voltage
-
0
-
1
V
Tj
Operating junction temperature
Analog IC
-40
-
125
°C
MCU (3)
-40
-
125
°C
Notes:
(1)UVLO threshold VMOn_max.
(2) VBO = VBOOT - VOUT.
(3) See the STM32F031C6 datasheet (suffix 7 version).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com