Electronic Components Datasheet Search
  English  ▼

X  

4062B Datasheet(PDF) 4 Page - B&K Precision Corporation

Part # 4062B
Description  Dual Channel Function/Arbitrary Waveform Generators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

4062B Datasheet(HTML) 4 Page - B&K Precision Corporation

  4062B Datasheet HTML 1Page - B&K Precision Corporation 4062B Datasheet HTML 2Page - B&K Precision Corporation 4062B Datasheet HTML 3Page - B&K Precision Corporation 4062B Datasheet HTML 4Page - B&K Precision Corporation 4062B Datasheet HTML 5Page - B&K Precision Corporation 4062B Datasheet HTML 6Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Dual Channel Function/Arbitrary Waveform Generators
4060B Series
4
www.bkprecision.com
Operation highlights
Sweep
Perform linear or log sweep functions with up or
down directional control. The sweep source can
be set to internal, external, or manual.
Flexible phase control
Phase-lock maintains phase deviation over both
channels. In independent mode, the phase
deviation between CH1 and CH2 changes at
random allowing for smoother frequency
transitions.
Harmonics function
Quickly output harmonics up to the 16th order
with independent amplitude and phase settings.
Channel combine function
Create complex waveforms by internally adding
each channel’s waveform and outputting the
combined waveform on channel 1 or 2.
Channel tracking function
Customize channel coupling using frequency,
amplitude, and phase. Enable automatic tracking
between channels using deviation or ratio.
Channel copy and sync function
With the push of a button, all waveform
parameters can be quickly copied between
channels. Phase between channels can be
adjusted.
Frequency counter
Displays mean, min, max, and many other
frequency characteristics with an input frequency
range of 0.1 Hz to 200 MHz.
Generate waveforms with ease
The provided waveform editing software can be used to create point-by-point arbitrary waveforms
via freehand or waveform math functions. The standard LAN and USBTMC-compliant interfaces
on the rear panel allow users to easily interface with a PC to load these waveforms into internal
memory. The front panel also offers a convenient USB host port to save/recall instrument settings
and waveform files on a USB flash drive.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com