Electronic Components Datasheet Search
  English  ▼

X  

4062B Datasheet(PDF) 5 Page - B&K Precision Corporation

Part # 4062B
Description  Dual Channel Function/Arbitrary Waveform Generators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

4062B Datasheet(HTML) 5 Page - B&K Precision Corporation

  4062B Datasheet HTML 1Page - B&K Precision Corporation 4062B Datasheet HTML 2Page - B&K Precision Corporation 4062B Datasheet HTML 3Page - B&K Precision Corporation 4062B Datasheet HTML 4Page - B&K Precision Corporation 4062B Datasheet HTML 5Page - B&K Precision Corporation 4062B Datasheet HTML 6Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Dual Channel Function/Arbitrary Waveform Generators
4060B Series
5
www.bkprecision.com
Specifications
Model
4062B
4063B
4064B
Channels
2
Frequency Characteristics
Sine
1 µHz to 40 MHz
1 µHz to 80 MHz
1 µHz to 120 MHz
Square
1 µHz to 25 MHz
Triangle, Ramp
1 µHz to 1 MHz
Pulse
1 µHz to 25 MHz
Gaussian Noise (-3 dB)
> 120 MHz
Arbitrary
1 µHz to 20 MHz
Accuracy
± 1 ppm (1 year)
Resolution
1 µHz
Note: All specifications apply to the unit after a temperature stabilization time of 30 minutes over an ambient temperature range of 23 °C ± 5 °C.
Arbitrary Characteristics
Built-in Waveforms
196
Waveform Length
8 points to 8 M points
Vertical Resolution
16 bits
Sampling Rate
300 MSa/s (DDS mode)
75 MSa/s (true arbitrary mode)
Minimum Rise/Fall
Time (typical)
4.5 ns (DDS mode)
8.5 ns (true arbitrary mode)
Jitter (rms)
< 150 ps (1 Vpp, into 50 Ω load, true arbitrary mode)
Non-volatile Memory
Storage
80 MB file system
Output Characteristics
Amplitude Range(1)
(into open circuit)
2 mVpp to 20 Vpp ( ≤ 20 MHz)
2 mVpp to 10 Vpp ( > 20 MHz)
Amplitude Resolution
Up to 4 digits
Amplitude Accuracy
(10 kHz, 0 V offset)
± (1% + 1 mVpp)
Amplitude Flatness
(reference to 10 kHz
Sine, 2.5 Vpp)
± 0.3 dB (50 Ω load, DC to 100 MHz)
± 0.4 dB (50 Ω load, 100 MHz to 120 MHz)
Cross Talk
< -60 dBc (between channels)
Offset Range (DC)
± 5 V (into 50 Ω load)
± 10 V (into open circuit)
Offset Resolution (DC)
Up to 4 digits
Offset Accuracy (DC)
± (1% + 2 mV), into open circuit
Output Impedance
(typical)
50 Ω
Output Protection
Overvoltage (see user manual for details)
Waveform Characteristics
Harmonic Distortion
(sine, 0 dBm input,
typical)
DC to 10 MHz, < -65 dBc
10 MHz to 20 MHz, < -60 dBc
20 MHz to 40 MHz, < -55 dBc
40 MHz to 60 MHz, < -50 dBc
60 MHz to 80 MHz, < -45 dBc
80 MHz to 100 MHz, < -40 dBc
100 MHz to 120 MHz, < -38 dBc
(1) This specification will be divided by 2 while applied to a 50 Ω load.
(2) Modulation schemes not available in DC mode.
Waveform Characteristics (continued)
Total Harmonic
Distortion (sine)
< 0.075% (10 Hz to 20 kHz at 0 dBm)
Spurious
(non-harmonic)
≤ 50 MHz, -70 dBc max.
> 50 MHz, -65 dBc max.
Rise/Fall Time (square)
< 9 ns (10% to 90% at 1 Vpp, into 50 Ω load)
Variable Duty Cycle
(square)
0.001% to 99.999% (depending on frequency setting)
Jitter (rms) Cycle to
Cycle (square)
150 ps (1 Vpp, into 50 Ω load, typical)
Ramp Symmetry
0% to 100%
Ramp Linearity
< 1% of peak output (triangle, ramp at 1 kHz, 1 Vpp, 100%
symmetry)
Pulse
Pulse Width
16.3 ns minimum
Rise/Fall Time
8.4 ns to 22.4 s (1 Vpp, 10% to 90%, into 50 Ω load)
Duty Cycle Range
0.001% to 99.999% (depending on frequency setting)
Overshoot
< 3% (100 kHz, 1 Vpp)
Jitter (rms)
Cycle to Cycle
150 ps (1 Vpp, into 50 Ω load)
Burst
Waveform
Sine, square, ramp, pulse, arbitrary, noise
Type
Cycle (1 to 1,000,000 cycles), infinite, gated
Start/Stop Phase
0º to 360º
Internal Period
1 µs to 1000 s
Gated Source
Internal, external trigger
Trigger Source
Internal, external, manual
Phase Offset
Range
-360º to 360º
Resolution
0.1º
AM, FM & PM Modulation Characteristics
Carrier(2)
Sine, square, ramp, arbitrary
Source
Internal, external
Modulation Waveform
Sine, square, ramp, noise, arbitrary
AM Modulation Depth
0% to 120%
FM Frequency Deviation
0 to 0.5
x (maximum output frequency)
PM Phase Deviation
0º to 360º
ASK & FSK Modulation Characteristics
Carrier(2)
Sine, square, ramp, arbitrary
Source
Internal, external
Modulation Waveform
50% duty cycle square waveform



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com