Electronic Components Datasheet Search
  English  ▼

X  

4062B Datasheet(PDF) 6 Page - B&K Precision Corporation

Part # 4062B
Description  Dual Channel Function/Arbitrary Waveform Generators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

4062B Datasheet(HTML) 6 Page - B&K Precision Corporation

  4062B Datasheet HTML 1Page - B&K Precision Corporation 4062B Datasheet HTML 2Page - B&K Precision Corporation 4062B Datasheet HTML 3Page - B&K Precision Corporation 4062B Datasheet HTML 4Page - B&K Precision Corporation 4062B Datasheet HTML 5Page - B&K Precision Corporation 4062B Datasheet HTML 6Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Dual Channel Function/Arbitrary Waveform Generators
4060B Series
6
www.bkprecision.com
v120919
Specifications (continued)
Model
4062B, 4063B, 4064B
DSB-AM Modulation Characteristics
Carrier(2)
Sine, square, ramp, arbitrary
Source
Internal, external
Modulation Waveform
Sine, square, ramp, noise, arbitrary
PWM Modulation Characteristics
Source
Internal, external
Modulation Waveform(2)
Sine, square, ramp, noise, arbitrary
Internal Modulation
Frequency
1 mHz to 1 MHz
Sweep Characteristics
Waveforms(2)
Sine, square, ramp, arbitrary
Sweep Shape
Linear or logarithmic, up or down
Sweep Time
1 ms to 500 s
Sweep Trigger
Internal, external, manual
Harmonic Output Characteristics
Maximum Order
16
Type
Even, odd, all
Auxiliary Input / Output
Sync Out
TTL compatible(4)
Output impedance: 100 Ω (typical)
Maximum frequency: 10 MHz
Minimum pulse width: 50 ns (typical)
Modulation Input
± 12 Vpp (typical) for 100% modulation
Input impedance: 10 kΩ
Frequency range: 0 kHz to 50 kHz
Trigger
Input
Level
TTL compatible(3)
Slope
Rising or falling, selectable
Pulse Width
> 100 ns
Impedance
> 100 kΩ
Latency
100 ns maximum (sweep mode)
600 ns maximum (burst mode)
Output
Voltage
Level
TTL compatible(4)
Pulse Width
> 500 ns
Impedance
100 Ω (typical)
Maximum
Frequency
1 MHz
Reference Clock
Input
Frequency range: 10 MHz (typical)
Minimum voltage input: 1.4 Vpp
Input impedance: 5 kΩ
Output
Frequency range: 10 MHz (typical)
Voltage level: 3.3 V (typical), 2 V (minimum)
Output impedance: 50 Ω
Frequency Counter
Measurement
Frequency, period, positive/negative pulse width, duty cycle
Measurement Range
100 mHz to 200 MHz (DC coupling)
10 Hz to 200 MHz (AC coupling)
Input Range
100 mVrms to ± 2.5 V (< 100 MHz, DC coupling)
200 mVrms to ± 2.5 V (100 MHz to 200 MHz,
DC coupling)
100 mVrms to 5 Vpp (< 100 MHz, AC coupling)
200 mVrms to 5 Vpp (100 MHz to 200 MHz, AC coupling)
Input Impedance
1 MΩ (typical)
Coupling
AC, DC, HF REJ (≥ 250 kHz filter)
Environmental and Safety
Temperature
Operating: 32 °F to 104 °F (0 °C to 40 °C)
Storage: -4 °F to 140 °F (-20 °C to 60 °C)
Humidity
< 86 °F (30 °C), ≤ 90 % RH
104 °F (40 °C), ≤ 50 % RH
Altitude
Operating: below 10,000 ft (3,048 m)
Storage: below 49, 212 ft (15,000 m)
Electromagnetic
Compatibility
EMC Directive 2014/30/EU, EN61326-1:2013
Safety
Low voltage directive (LVD) 2014/35/EU, EN61010-1:2010
General
Display
4.3” TFT color (24-bit) LCD touch screen
I/O Interfaces
USBTMC device, LAN, USB host port
Storage Memory
10 instrument settings
AC Input
100 to 240 VAC ± 10 %, 50/60 Hz
100 to 120 VAC ± 10 %, 400 Hz
Power Consumption
50 W maximum
Dimensions
(W x H x D)
10.25” x 4.22” x 11.61” (260.3 x 107.2 x 295 mm)
Weight
7.6 lbs (3.43 kg)
Warranty
3 years
Standard Accessories
AC power cord, user manual (downloadable),
USB type A-to-B cable, BNC coaxial cable,
certificate of calibration
Optional Accessories
USB-to-GPIB adapter (model AK40G)
(2) Modulation schemes not available in DC mode.
(3) V
IH = 2 V to 5.5 V, VIL = 0.5 V to 0.8 V
(4) V
OH = 3.8 V (IOH = -8 mA), VOL = 0.44 V (IOL = 8 mA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com