Electronic Components Datasheet Search
  English  ▼

X  

4062B Datasheet(PDF) 1 Page - B&K Precision Corporation

Part # 4062B
Description  Dual Channel Function/Arbitrary Waveform Generators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

4062B Datasheet(HTML) 1 Page - B&K Precision Corporation

  4062B Datasheet HTML 1Page - B&K Precision Corporation 4062B Datasheet HTML 2Page - B&K Precision Corporation 4062B Datasheet HTML 3Page - B&K Precision Corporation 4062B Datasheet HTML 4Page - B&K Precision Corporation 4062B Datasheet HTML 5Page - B&K Precision Corporation 4062B Datasheet HTML 6Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Sheet
Dual Channel Function/Arbitrary Waveform Generators
4060B Series
Technical data subject to change
© B&K Precision Corp. 2019
www.bkprecision.com
Features and benefits
n
16-bit resolution, 8 Mpts, 300 MSa/s (DDS),
75 MSa/s (true point-by-point) arbitrary
waveform generator
n
Up to 1.2 GSa/s sample rate for sine, square,
triangle, and pulse waveforms
n
Two independent channels with one-button
phase synchronization
n
Channel copy, track, and waveform combine
functions
n
Generate sine waves up to 120 MHz
n
Harmonic generator function
n
Linear sweep, logarithmic sweep, and burst
functions
n
Precise pulse width and rise/fall time
adjustments
n
Supports AM/DSB-AM/FM//PM/PSK/FSK/ASK
and PWM modulation types
n
DC signal level up to ±10 V into a high-z load
or ±5 V into a 50 Ω load
n
Variable DC offset
n
Adjustable duty cycle
n
Frequency counter
n
Internal/external triggering
n
196 built-in predefined arbitrary waveforms
n
Store/recall up to 10 instrument settings
n
LAN and USB device port
(USBTMC-compliant)
n
GPIB connectivity with optional USB-to-GPIB
adapter
n
Front-panel USB host port
n
Arbitrary waveform editing software included
n
LabVIEW™ driver is available
The 4060B Series Dual Channel Function/Arbitrary Waveform Generators are capable of producing precise
sine, square, triangle, pulse, and arbitrary waveforms. This series combines the cost saving benefits of both
DDS and true point-by-point arbitrary architectures to meet a wide range of applications that require high
signal fidelity and low jitter arbitrary waveform generation capabilities.
Dual architecture operation
The 4060B Series arbitrary waveform generator (AWG) architecture can be toggled between conventional
DDS or true arbitrary mode. Compared to DDS (Fig. 1), true point-by-point AWG implementation offers
improved signal integrity by producing lower jitter and less distortion (Fig. 2). All models are capable of
generating 16-bit waveforms up to 300 MSa/s in DDS or 75 MSa/s in true arbitrary mode.
Model
4062B
4063B
4064B
Sine frequency range
1 µHz to 40 MHz
1 µHz to 80 MHz
1 µHz to 120 MHz
Square frequency range
1 µHz to 25 MHz
The intuitive touchscreen display simplifies control of many features including extensive waveform
modulation schemes, linear/logarithmic sweep, burst mode, and variable DC offset. These generators
provide system integrators with auxiliary triggering capabilities, and a 10 MHz reference clock for
synchronizing multiple instruments.
196 built-in arbitrary waveforms offer a variety of arbitrary test signals for both simple and complex
applications. Generate custom arbitrary waveforms and download them to the instrument using the
included application software. Alternatively, use the included LabVIEWTM drivers to load .csv or .txt
waveform data files directly into the generator’s internal memory.
Reference clock
(fixed)
DDS Circuitry
DAC
Low jitter clock
(variable)
Waveform
memory
DAC
Signal
conditioning
Fig. 1: DDS mode
Fig. 2: True point-by-point arbitrary mode
Signal
conditioning


Similar Part No. - 4062B

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4062 3M-4062 Datasheet
49Kb / 2P
Clip-on Welding Shield Kit 7990/7990-AM and Electronic Lens Assembly 7991/7991-AM
01/01/04
logo
Adafruit Industries
4062 ADAFRUIT-4062 Datasheet
1Mb / 5P
Adafruit Feather nRF52840 Express
logo
Videk Ltd
4062 VIDEK-4062 Datasheet
101Kb / 1P
Product Description:
4062-10 VIDEK-4062-10 Datasheet
101Kb / 1P
Product Description:
4062-3 VIDEK-4062-3 Datasheet
101Kb / 1P
Product Description:
More results

Similar Description - 4062B

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
33250A HP-33250A Datasheet
103Kb / 4P
Function/Arbitrary Waveform Generator
logo
List of Unclassifed Man...
AFG3000C ETC2-AFG3000C Datasheet
342Kb / 8P
Arbitrary Function Generators
AWG70000A ETC2-AWG70000A Datasheet
776Kb / 20P
Arbitrary Waveform Generators
logo
Keysight Technologies
33250A KEYSIGHT-33250A Datasheet
440Kb / 5P
Function/Arbitrary Waveform Generator
33521A KEYSIGHT-33521A Datasheet
575Kb / 12P
30 MHz Function/Arbitrary Waveform Generators
logo
List of Unclassifed Man...
4084AWG ETC2-4084AWG Datasheet
1Mb / 2P
Arbitrary/Function Generators
logo
TEKTRONIX, INC.
AFG3000C TEKTRONIX-AFG3000C Datasheet
718Kb / 14P
Arbitrary/Function Generators
AFG31000 TEKTRONIX-AFG31000 Datasheet
1Mb / 22P
Arbitrary Function Generators
logo
B&K Precision Corporati...
4050B BK-4050B Datasheet
2Mb / 5P
Dual Channel Function/Arbitrary Waveform Generators
logo
List of Unclassifed Man...
UTG900E ETC-UTG900E Datasheet
323Kb / 1P
UTG900E SERIES FUNCTION/ARBITRARY WAVEFORM GENERATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com