Electronic Components Datasheet Search
  English  ▼

X  

ALD1121ESA Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # ALD1121ESA
Description  QUAD/DUAL EPAD PRECISION MATCHED PAIR N-CHANNEL MOSFET ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1121ESA Datasheet(HTML) 3 Page - Advanced Linear Devices

  ALD1121ESA Datasheet HTML 1Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 2Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 3Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 4Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 5Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 6Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 7Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 8Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ALD1123E/ALD1121E
Advanced Linear Devices
3
Drain to Source Voltage 1
VDS
10.0
10.0
V
Initial Threshold Voltage
2
V ti
0.990
1.000
1.010
0.990
1.000
1.010
V
IDS = 1µA TA = 21°C
E-trim Vt Range
V t
1.000
3.000
1.000
3.000
V
Drain - Gate Connected
TCVDS
-1.6
-1.6
mV/
°CID = 5µA
Voltage Tempco
-0.3
-0.3
mV/
°CID = 50µA
0.0
0.0
mV/
°CID = 68µA
+2.7
+2.7
mV/
°CID = 500µA
Initial Offset Voltage 3
VOS i
15
1
5
mV
Tempco of VOS
TCVOS
55
µV/°CVDS1 = VDS2
Differential Threshold Voltage
4
DV t
2.000
2.000
V
Tempco of Differential
Threshold Voltage
4
TCDV t
0.033
0.033
mV/
°C
Long Term Drift
∆Vt /∆t
-0.02
-0.05
-0.02
-0.05
mV
1000 Hours
Long Term Drift Match
∆Vt /∆t-5
-5
µV
1000 Hours
Drain Source On Current
IDS(ON)
3.0
3.0
mA
VG =VD = 5V VS = 0V
Vt = 1.0
Drain Source On Current 4
IDS(ON)
0.8
0.8
mA
VG =VD = 5V VS = 0V
Vt = 3.0
Initial Zero Tempco Voltage 3
VZTCi
1.52
1.52
V
Vt = 1.000V
Zero Tempco Current
IZTC
68
68
µA
Initial On-Resistance 3
RON i
500
500
Ω
VGS ¡= 5V VDS = 0.1V
On-Resistance Match
∆RON
0.5
0.5
%
ABSOLUTE MAXIMUM RATINGS
Supply voltage, V+ referenced to V-
-0.3V to +13.2V
Supply voltage, VS referenced to V-
±6.6V
Differential input voltage range
0.3V to V+ +0.3V
Power dissipation
600 mW
Operating temperature range PA, SA, PC, SC package
0
°C to +70°C
DA, DC package
-55
°C to +125°C
Storage temperature range
-65
°C to +150°C
Lead temperature, 10 seconds
+260
°C
OPERATING ELECTRICAL CHARACTERISTICS
TA = 25°C V+ = +5.0V unless otherwise specified
ALD1123E
ALD1121E
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
NOTES:
1. V+ must be the most positive supply rail and V- must be at the most negative supply rail. Source terminals other than those labeled as V- can be at
any voltage between V- and V+.
2. Initial Threshold Voltage is set at the factory. If no EPAD Vt trimming is intended by user, then this is also the final or permanent threshold voltage
value.
3. Initial and Final values are the same unless deliberately changed by user.
4. These parameters apply only when Vt of one or more of the devices are to be changed by user.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com