Electronic Components Datasheet Search
  English  ▼

X  

ALD1121ESA Datasheet(PDF) 7 Page - Advanced Linear Devices

Part # ALD1121ESA
Description  QUAD/DUAL EPAD PRECISION MATCHED PAIR N-CHANNEL MOSFET ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1121ESA Datasheet(HTML) 7 Page - Advanced Linear Devices

  ALD1121ESA Datasheet HTML 1Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 2Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 3Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 4Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 5Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 6Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 7Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 8Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ALD1123E/ALD1121E
Advanced Linear Devices
7
TYPICAL PERFORMANCE CHARACTERISTICS
CHANGE IN DIFFERENTIAL THRESHOLD
VOLTAGE vs. AMBIENT TEMPERATURE
+10
+8
+6
+4
+2
-2
0
-10
-50
-25
0
25
50
125
100
75
AMBIENT TEMPERATURE (
°C)
-8
-6
-4
REPRESENTATIVE UNITS
GATE SOURCE VOLTAGE vs. DRAIN
SOURCE ON CURRENT
DRAIN SOURCE ON CURRENT (
µA)
5
4
3
2
1
0
0.1
1
100
10
1000
10000
VDS = 0.5V
TA = +125°C
VDS = 0.5V
TA = +25°C
VDS = 5V
TA = +25°C
VDS = 5V
TA = +125°C
VDS
IDS(ON)
D
VGS
S
VDS = RON • IDS(ON)
DRAIN SOURCE ON CURRENT, BIAS
CURRENT vs. AMBIENT TEMPERATURE
GATE AND DRAIN SOURCE VOLTAGE
(VGS = VDS) (V)
5
4
3
2
1
0
5
4
3
2
1
0
70
°C
125
°C
-25
°C
0
°C
-55
°C
DRAIN SOURCE ON CURRENT, BIAS
CURRENT vs. AMBIENT TEMPERATURE
GATE AND DRAIN SOURCE VOLTAGE
(VGS = VDS) (V)
100
50
0
1.8
1.0
1.2
2.0
1.6
1.4
Zero Temperature
Coefficient (ZTC)
{
{
{
Vt
= 1.2V
Vt
= 1.4V
Vt
= 1.0V
- 25
°C
- 25
°C
- 25
°C
ZTC
125
°C
125
°C
ZTC
125
°C
DRAIN SOURCE ON CURRENT vs.
OUTPUT VOLTAGE
5
4
3
2
1
0
5
4
3
2
1
0
TA = -55°C
TA = +50°C
OUTPUT VOLTAGE (V)
TA = 0°C
Vt = 1.000V
VDS = VGS
TA = +125°C
DRAIN SOURCE ON CURRENT, BIAS
CURRENT vs. ON - RESISTANCE
ON - RESISTANCE (K
Ω)
0.1
1.0
100
10
1000
10000
0.1
1.0
100
10
1000
10000
VDS = RON • IDS(ON)
VGS = +0.9V to +5.0V
VDS = 5.0V
VDS = 0.5V
VDS
D
VGS
S
IDS(ON)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com