Electronic Components Datasheet Search
  English  ▼

X  

ALD1121ESA Datasheet(PDF) 5 Page - Advanced Linear Devices

Part # ALD1121ESA
Description  QUAD/DUAL EPAD PRECISION MATCHED PAIR N-CHANNEL MOSFET ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1121ESA Datasheet(HTML) 5 Page - Advanced Linear Devices

  ALD1121ESA Datasheet HTML 1Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 2Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 3Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 4Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 5Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 6Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 7Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 8Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ALD1123E/ALD1121E
Advanced Linear Devices
5
TYPICAL PERFORMANCE CHARACTERISTICS
OUTPUT CHARACTERISTICS
DRAIN SOURCE ON VOLTAGE (V)
02
46
10
12
8
20
15
10
5
0
TA = +25°C
VGS = +12V
VGS = + 2V
VGS = + 4V
VGS = + 6V
VGS = + 8V
VGS = +10V
OUTPUT CHARACTERISTICS
-200 -160 -120 -80 -40
+200
+1.0
0
0
40
80 120 160
DRAIN SOURCE VOLTAGE (mV)
-1.0
VGS = +12V
VGS = +6V
VGS = +8V
VGS = +10V
TA = +25°C
TRANSCONDUCTANCE vs.
THRESHOLD VOLTAGE
THRESHOLD VOLTAGE (V)
0
0.5
1.0
1.5
2.0
3.0
3.5
2.5
2.0
1.5
1.0
5.0
TA = +25°C
0
VGS = Vt + 4.0V
VDS = 10V
HIGH LEVEL OUTPUT CONDUCTANCE
vs.THRESHOLD VOLTAGE
THRESHOLD VOLTAGE (V)
0
0.5
1.0
1.5
2.0
3.0
3.5
2.5
75
70
60
50
TA = +25°C
VGS = Vt + 4.0V
VDS = 5.0V
DRAIN SOURCE ON CURRENT vs.
THRESHOLD VOLTAGE
THRESHOLD VOLTAGE (V)
0
0.5
1.0
1.5
2.0
3.0
3.5
2.5
TA = +25°C
VDS = +5.0V
3.0
2.0
1.0
0
VGS = +5V
VGS = +1V
VGS = +2V
VGS = +3V
VGS = +4V
DRAIN SOURCE ON CURRENT vs.
AMBIENT TEMPERATURE
6
5
4
3
2
1
0
AMBIENT TEMPERATURE (
°C)
-50
-25
0
25
50
75
100
125
VG = 5V
Vt = 1.0V
Vt = 1.5V
Vt = 3.0V
Vt = 2.0V
Vt = 2.5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com