Electronic Components Datasheet Search
  English  ▼

X  

ALD1121ESA Datasheet(PDF) 4 Page - Advanced Linear Devices

Part # ALD1121ESA
Description  QUAD/DUAL EPAD PRECISION MATCHED PAIR N-CHANNEL MOSFET ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1121ESA Datasheet(HTML) 4 Page - Advanced Linear Devices

  ALD1121ESA Datasheet HTML 1Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 2Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 3Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 4Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 5Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 6Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 7Page - Advanced Linear Devices ALD1121ESA Datasheet HTML 8Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ALD1123E/ALD1121E
Advanced Linear Devices
4
E-TRIM CHARACTERISTICS
TA = 25°C V+ = +5.0V unless otherwise specified
ALD1123E
ALD1121E
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
E-trim Vt Range
4
Vt
1.000
3.000
1.000
3.000
V
Resolution of V t
E-trim Pulse Step
4
RV t
0.1
1
0.1
1
mV
Change in Vt Per
∆Vt / N
0.5
0.5
mV/ pulse
Vt = 1.0V
E-trim Pulse 4
0.05
0.05
Vt = 2.5V
E-trim Pulse Voltage 4
Vp
11.75
12.00
12.25
11.75
12.00
12.25
V
E-trim Pulse Current 4
Ip
2
2
mA
Pulse Frequency
4
ƒ pulse
50
50
KHZ
Transconductance
gm
1.4
1.4
mA/V
VD = 10V,VG =Vt + 4.0
Transconductance Match
∆gm
25
25
µA/V
VD = 10V,VG =Vt + 4.0
Low Level Output
Conductance
gOL
66
µA/V
VG = Vt +0.5V
High Level Output
Conductance
gOH
68
68
µA/V
VG = Vt +4.0V
Drain Off Leakage Current
ID(OFF)
5
400
5
400
pA
44
nA
TA = 125°C
Gate Leakage Current
IGSS
10
100
10
100
pA
11
nA
TA = 125°C
Input Capacitance
CISS
25
25
pF
Cross Talk
60
60
dB
f = 100KHz
Relaxation Time Constant
4
tRLX
2
2
Hours
Relaxation Voltage 4
VRLX
-0.3
-0.3
%
1.0V
≤ Vt ≤ 3.0V
OPERATING ELECTRICAL CHARACTERISTICS (cont'd)
TA = 25°C V+ = +5.0V unless otherwise specified
ALD1123E
ALD1121E
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Conditions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com