Electronic Components Datasheet Search
  English  ▼

X  

U6809B Datasheet(PDF) 7 Page - ATMEL Corporation

Part # U6809B
Description  FAIL-SAFE IC WITH RELAY DRIVER AND LAMP DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U6809B Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button U6809B Datasheet HTML 3Page - ATMEL Corporation U6809B Datasheet HTML 4Page - ATMEL Corporation U6809B Datasheet HTML 5Page - ATMEL Corporation U6809B Datasheet HTML 6Page - ATMEL Corporation U6809B Datasheet HTML 7Page - ATMEL Corporation U6809B Datasheet HTML 8Page - ATMEL Corporation U6809B Datasheet HTML 9Page - ATMEL Corporation U6809B Datasheet HTML 10Page - ATMEL Corporation U6809B Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
U6809B
4764A–AUTO–10/03
WDI Input (Pin 20)
The microcontroller has to provide a trigger signal with the frequency f
WDI which is fed to
the WDI input. A positive edge of f
WDI detected by a slope detector resets the binary and
clocks the up/down counter additionally. The up/down counter only counts from 0 to 3 or
reverse. Each correct trigger increments the up/down counter by 1, each wrong trigger
decrements it by 1. As soon as the counter reaches the count of 3 the RS flip-flop is set
(see Figure 5). A missing incoming trigger signal is detected after 250 clocks of the inter-
nal watchdog frequency f
RC (see WD-OK output) and resets the up/down counter
directly.
RCOSC Input
With an external RC circuitry the IC generates a time base (frequency f
RC) independent
from the microcontroller. The watchdog's time window refers to a frequency of
RC = 100
´ f
WDI
Reset Input
During power-on and under-/overvoltage detection a reset signal is fed to this pin. It
resets the watchdog timer and sets the initial state.
WD - OK Output
After the up/down counter has been incremented to the count of 3 (see Figure 5, WD
state diagram), the RS flip-flop is set and the WD-OK output becomes logic "1". This
information is available for the microcontroller at the open-collector output ENO. If, on
the other hand, the up/down counter is decremented to 0 the RS flip flop is reset, the
WD OK output and the ENO output are disabled. The WD OK output also controls a
dual MUX stage which shifts the time window by one clock after a successful trigger,
thus forming a hysteresis to provide stable conditions for the evaluation of the trigger
signal "good or false". The WD OK signal is also reset in case the watchdog counter is
not reset after 250 clocks (missing trigger signal).
Watchdog State Diagram
Figure 5. Watchdog State Diagram
Explanation
In each block, the first character represents the state of the counter. The second nota-
tion indicates the fault status of the counter. A fault status is indicated by an "F" and a no
fault status is indicated by an "NF". When the watchdog is powered up initially, the
counter starts at the 0/F block (initial state). "Good" indicates that a pulse has been
received whose width resides within the timing window. "Bad" indicates that a pulse has
been received whose width is either too short or too long.
1/NF
2/NF
O/F
1/F
2/F
3/NF
bad
good
bad
good
bad
good
good
bad
good
good
bad
bad
Initial status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com