Electronic Components Datasheet Search
  English  ▼

X  

U6809B Datasheet(PDF) 8 Page - ATMEL Corporation

Part # U6809B
Description  FAIL-SAFE IC WITH RELAY DRIVER AND LAMP DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U6809B Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button U6809B Datasheet HTML 4Page - ATMEL Corporation U6809B Datasheet HTML 5Page - ATMEL Corporation U6809B Datasheet HTML 6Page - ATMEL Corporation U6809B Datasheet HTML 7Page - ATMEL Corporation U6809B Datasheet HTML 8Page - ATMEL Corporation U6809B Datasheet HTML 9Page - ATMEL Corporation U6809B Datasheet HTML 10Page - ATMEL Corporation U6809B Datasheet HTML 11Page - ATMEL Corporation U6809B Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
U6809B
4764A–AUTO–10/03
Watchdog Window
Calculation
Example with recommended values
C
osc = 3.3 nF
(should be preferably 10%, NPO)
R
osc = 39 kW (may be 5%, Rosc < 100 kW due to leakage current and humidity)
RC Oscillator
t
WDC (s) = 10
-3
´ [C
osc (nF) ´ [(0.00078 ´ Rosc (kW)) + 0.0005]]
f
WDC (Hz) = 1/(tWDC)
Watchdog WDI
fWDI (Hz) = 0.01 ´ fWDC
tWDC = 100 µs -> fWDC = 10 kHz
fWDI = 100 Hz -> tWDI = 10 ms
WDI Pulse Width for Fault
Detection After 3 Pulses
Upper watchdog window
Minimum: 169/f
WDC = 16.9 ms -> fWDC/169 = 59.1 Hz
Maximum: 170/ f
WDC = 17.0 ms -> fWDC/170 = 58.8 Hz
Lower watchdog window
Minimum: 79/f
WDC = 7.9 ms -> fWDC/79 = 126.6 Hz
Maximum: 80/f
WDC = 8.0 ms -> fWDC/80 = 125.0 Hz
WDI Dropouts for Immediate
Fault Detection
Minimum: 250/f
WDC = 25 ms
Maximum: 251/f
WDC = 25.1 ms
Remark to Reset Delay
The duration of the over- or undervoltage pulses determines the enable and reset out-
put. A pulse duration shorter than the debounce time has no effect on the outputs. A
pulse longer than the debounce time results in the first reset delay. If a pulse appears
during this delay, a 2nd delay time is triggered. Therefore, the total reset delay time can
be longer than specified in the datasheet.
Figure 6. Watchdog Timing Diagram with Tolerances
Time/s
79/f
WDC
80/f
WDC
169/f
WDC
170/f
WDC
250/f
WDC
251/f
WDC
Watchdog
window update
rate is good
Update rate is
too fast
Update rate is
either too fast or
good
Update rate is
either too slow
or good
Update rate is
too slow
Update rate is
either too slow
or pulse has
dropped out
Pulse has
dropped out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com