Electronic Components Datasheet Search
  English  ▼

X  

U6809B Datasheet(PDF) 1 Page - ATMEL Corporation

Part # U6809B
Description  FAIL-SAFE IC WITH RELAY DRIVER AND LAMP DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U6809B Datasheet(HTML) 1 Page - ATMEL Corporation

  U6809B Datasheet HTML 1Page - ATMEL Corporation U6809B Datasheet HTML 2Page - ATMEL Corporation U6809B Datasheet HTML 3Page - ATMEL Corporation U6809B Datasheet HTML 4Page - ATMEL Corporation U6809B Datasheet HTML 5Page - ATMEL Corporation U6809B Datasheet HTML 6Page - ATMEL Corporation U6809B Datasheet HTML 7Page - ATMEL Corporation U6809B Datasheet HTML 8Page - ATMEL Corporation U6809B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Rev. 4764A–AUTO–10/03
Features
• Digital Self-supervising Watchdog with Hysteresis
• Three 250-mA Output Drivers
• One Relay Driver, Two Lamp Drivers
• Lamp Drivers with Auxiliary Ground
• Lamp Drivers Short-circuit Protected
• Lamp Drivers with Status Feedback
• Enable Output
• Over-/Undervoltage Detection and Reset
• All Power Outputs Protected Against Standard Transients
• All Power Outputs Protected Against 40-V Load Dump
• Automatically Activated Lamp Drivers if V
S is Disconnected
• Automatically Activated Lamp Drivers Via AUX GND if Standard
Ground is Disconnected
Description
The U6809B is designed to support the fail-safe function of safety-critical systems
such as ABS. It includes a relay driver, two independent short-circuit-protected lamp
drivers which are supplied by redundant ground lines, two monitoring circuits for the
lamp driver output voltage and output current, a watchdog controlled by an external
RC network and a reset circuit initiated by an over- and undervoltage condition of the
5-V supply providing a positive and a negative reset signal.
Fail-safe IC with
Relay Driver
and Lamp
Driver
U6809B


Similar Part No. - U6809B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U6803B TEMIC-U6803B Datasheet
97Kb / 6P
Triple-Driver with Thermal Monitoring
logo
ATMEL Corporation
U6803B ATMEL-U6803B Datasheet
148Kb / 7P
Triple-Driver IC with Thermal Monitoring
U6803B ATMEL-U6803B Datasheet
165Kb / 6P
Triple Driver IC with Thermal Monitoring
logo
TEMIC Semiconductors
U6803B-FP TEMIC-U6803B-FP Datasheet
97Kb / 6P
Triple-Driver with Thermal Monitoring
logo
ATMEL Corporation
U6803B-MFP ATMEL-U6803B-MFP Datasheet
148Kb / 7P
Triple-Driver IC with Thermal Monitoring
More results

Similar Description - U6809B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1690 LINER-LTC1690 Datasheet
221Kb / 12P
Differential Driver and Receiver Pair with Fail-Safe Receiver Output
logo
ATMEL Corporation
U6808B ATMEL-U6808B Datasheet
173Kb / 12P
Special Fail-safe IC
U6813B ATMEL-U6813B Datasheet
291Kb / 15P
Fail-safe IC with High-side and Relay Driver
U6813B ATMEL-U6813B_05 Datasheet
333Kb / 16P
Fail-safe IC with High-side and Relay Driver
U6808B ATMEL-U6808B_05 Datasheet
266Kb / 14P
Specia Fail-safe IC
ATA6809 ATMEL-ATA6809 Datasheet
317Kb / 16P
Fail-safe IC with Relay Driver and Lamp Driver
logo
IC-Haus GmbH
IC-MFN ICHAUS-IC-MFN Datasheet
204Kb / 13P
8-FOLD FAIL-SAFE N-FET DRIVER
IC-NZ ICHAUS-IC-NZ Datasheet
518Kb / 20P
FAIL-SAFE LASER DIODE DRIVER
logo
Roithner LaserTechnik G...
NZQFN28 ROITHNER-NZQFN28 Datasheet
518Kb / 20P
FAIL-SAFE LASER DIODE DRIVER
logo
Linear Technology
LTC1690 LINER-LTC1690_15 Datasheet
193Kb / 12P
Differential Driver and Receiver Pair with Fail-Safe Receiver Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com