Electronic Components Datasheet Search
  English  ▼

X  

U6809B Datasheet(PDF) 5 Page - ATMEL Corporation

Part # U6809B
Description  FAIL-SAFE IC WITH RELAY DRIVER AND LAMP DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U6809B Datasheet(HTML) 5 Page - ATMEL Corporation

  U6809B Datasheet HTML 1Page - ATMEL Corporation U6809B Datasheet HTML 2Page - ATMEL Corporation U6809B Datasheet HTML 3Page - ATMEL Corporation U6809B Datasheet HTML 4Page - ATMEL Corporation U6809B Datasheet HTML 5Page - ATMEL Corporation U6809B Datasheet HTML 6Page - ATMEL Corporation U6809B Datasheet HTML 7Page - ATMEL Corporation U6809B Datasheet HTML 8Page - ATMEL Corporation U6809B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
U6809B
4764A–AUTO–10/03
Explanation
Lamp voltage is logic 1 if output voltage > threshold voltage detection
Lamp voltage is logic 0 if output voltage < threshold voltage detection
Lamp current is logic 1 if output current > threshold current detection
Lamp current is logic 0 if output current < threshold current detection
Fail-safe Functions
A fail-safe IC has to maintain its monitoring function even if there is a fault condition at
one of the pins (e.g., short circuit). This ensures that a microcontroller system would not
be brought into a critical status. A critical status is reached if the system is not able to
actuate a warning lamp and switch off the relay. The following table shows fault condi-
tions for different pins during which the IC still works as a fail-safe device.
Table 1. Truth Table for Lamp Drivers and Lamp Feedback
Inputs
Outputs
Comment
Lamp (I)
Lamp
Voltage
Lamp
Current
Lamp
Driver
Current
Lamp
Current
Feedback
Lamp
01
0
off
off
1
Output ok or open (internal pull-up) or shorted to
V
Batt
0
1
1
on
off
1
Output shorted to V
Batt and faulty input level
0
0
1
on
on
0
Internal driver activated due to internal failure
0
0
0
off
on
0
Output shorted to GND
1
0
1
on
on
0
Output ok
1
1
1
on
off
1
Output shorted to V
Batt
11
0
off
off
1
Internal driver deactivated due to internal failure or
thermal shutdown
1
0
0
off
on/off
1
Output shorted to GND or open
Table 2. Table of Fault Detection
Condition
Feedback Lamp
Lamp Input is 0 (Lamp off)
Lamp Input is 1 (Lamp on)
Normal operation
1
0
Lamp output shorted to GND
0 (= detection)
1 (= detection)
Lamp output shorted to VBatt
1 (= no detection)
1 (= detection)
Lamp output open
1 (= no detection)
1 (= detection)
Feedback shorted to GND
0 (= detection)
0 (= no detection)
Feedback shorted to VS
1 (= no detection)
1 (= detection)
Lamp input shorted to GND
1 (= no detection)
1 (= detection)
Lamp input shorted to VS
0 (= detection)
0 (= no detection)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com