Electronic Components Datasheet Search
  English  ▼

X  

ASM5I9350 Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM5I9350
Description  3.3V 1:10 LVCMOS PLL Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I9350 Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM5I9350 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
July 2005
ASM5I9350
rev 0.2
3.3V 1:10 LVCMOS PLL Clock Generator
3 of 12
Notice: The information in this document is subject to change without notice.
Pin Discription
1
Pin #
Pin Name
I/O
Type
Description
8
XOUT
O
Analog
Oscillator Output
. Connect to a crystal.
9
XIN
I
Analog
Oscillator Input
. Connect to a crystal.
30
TCLK
I, PD
LVCMOS
LVCMOS/LVTTL reference clock input
28
QA
O
LVCMOS
Clock output bank A
26
QB
O
LVCMOS
Clock output bank B
22, 24
QC(1:0)
O
LVCMOS
Clock output bank C
12, 14, 16,
18, 20
QD(4:0)
O
LVCMOS
Clock output bank D
2
FB_SEL
I, PD
LVCMOS
Internal Feedback Select Input
. See Table 1.
10
OE#
I, PD
LVCMOS
Output enable/disable input
. See Table 2.
31
PLL_EN
I, PU
LVCMOS
PLL enable/disable input
. See Table 2.
32
REF_SEL
I, PD
LVCMOS
Reference select input
. See Table 2.
3, 4, 5, 6
SEL(A:D)
I, PD
LVCMOS
Frequency select input, Bank (A:D)
. See Table 2.
27
VDDQB
Supply
VDD
2.5V or 3.3V Power supply for bank B output clock
2,3
23
VDDQC
Supply
VDD
2.5V or 3.3V Power supply for bank C output clocks
2,3
15, 19
VDDQD
Supply
VDD
2.5V or 3.3V Power supply for bank D output clocks
2,3
1
AVDD
Supply
VDD
2.5V or 3.3V Power supply for PLL
2,3
11
VDD
Supply
VDD
2.5V or 3.3V Power supply for core, inputs, and bank A
output clock
2,3
7
AVSS
Supply
Ground
Analog ground
13, 17, 21,
25, 29
VSS
Supply
Ground
Common ground
Note: 1. PU = Internal pull-up, PD = Internal pull-down.
2. A 0.1µF bypass capacitor should be placed as close as possible to each positive power pin (<0.2”). If these bypass capacitors are not close to the pins
their high frequency filtering characteristics will be cancelled by the lead inductance of the traces.
3. AVDD and VDD pins must be connected to a power supply level that is at least equal or higher than that of VDDQB, VDDQC, and VDDQD output
power supply pins.
Table 1: Frequency Table
FB_SEL
Feedback Divider
VCO
Input Frequency
Range (AVDD = 3.3V)
Input Frequency
Range (AVDD = 2.5V)
0
÷32
Input Clock * 32
6.25 MHz to 15.625 MHz
6.25 MHz to 11.875 MHz
1
÷16
Input Clock * 16
12.5 MHz to 31.25 MHz
12.5 MHz to 23.75 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com