Electronic Components Datasheet Search
  English  ▼

X  

ASM5I9350 Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # ASM5I9350
Description  3.3V 1:10 LVCMOS PLL Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I9350 Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  ASM5I9350 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
July 2005
ASM5I9350
rev 0.2
3.3V 1:10 LVCMOS PLL Clock Generator
5 of 12
Notice: The information in this document is subject to change without notice.
DC Electrical Specifications (VCC = 2.5V ± 5%, TA = -40°C to +85°C)
Parameter
Description
Condition
Min
Typ
Max
Unit
VIL
Input Voltage, Low
LVCMOS
-
-
0.7
V
VIH
Input Voltage, High
LVCMOS
1.7
-
VDD+0.3
V
VOL
Output Voltage, Low
1
IOL= 15mA
-
-
0.6
V
VOH
Output Voltage, High
1
IOH= –15mA
1.8
-
-
V
IIL
Input Current, Low
2
VIL= VSS
-
-
-100
µA
IIH
Input Current, High
2
VIL= VDD
-
-
100
µA
IDDA
PLL Supply Current
AVDD only
-
5
10
mA
IDDQ
Quiescent Supply Current
All VDD pins except AVDD
-
-
7
mA
Outputs loaded @ 100 MHz
-
180
-
IDD
Dynamic Supply Current
Outputs loaded @ 200 MHz
-
210
-
mA
CIN
Input Pin Capacitance
-
4
-
pF
ZOUT
Output Impedance
14
18
22
Ω
Note: 1. Driving one 50Ω parallel terminated transmission line to a termination voltage of VTT. Alternatively, each output drives up to two 50Ω series terminated
transmission lines.
2. Inputs have pull-up or pull-down resistors that affect the input current.
DC Electrical Specifications (VCC = 3.3V ± 5%, TA = -40°C to +85°C)
Parameter
Description
Condition
Min
Typ
Max
Unit
VIL
Input Voltage, Low
LVCMOS
-
-
0.8
V
VIH
Input Voltage, High
LVCMOS
2.0
-
VDD+0.3
V
IOL= 24 mA
-
-
0.55
VOL
Output Voltage, Low
1
IOL= 12 mA
-
-
0.30
V
VOH
Output Voltage, High
1
IOH= –24 mA
2.4
-
-
V
IIL
Input Current, Low
2
VIL= VSS
-
-
–100
µA
IIH
Input Current, High
2
VIL= VDD
-
-
100
µA
IDDA
PLL Supply Current
AVDD only
-
5
10
mA
IDDQ
Quiescent Supply Current
All VDD pins except AVDD
-
-
7
mA
Outputs loaded @ 100 MHz
-
270
-
IDD
Dynamic Supply Current
Outputs loaded @ 200 MHz
-
300
-
mA
CIN
Input Pin Capacitance
-
4
-
pF
ZOUT
Output Impedance
12
15
18
Ω
Note: 1. Driving one 50Ω parallel terminated transmission line to a termination voltage of VTT. Alternatively, each output drives up to two 50Ω series terminated
transmission lines.
2. Inputs have pull-up or pull-down resistors that affect the input current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com