Electronic Components Datasheet Search
  English  ▼

X  

ASM5I9350 Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # ASM5I9350
Description  3.3V 1:10 LVCMOS PLL Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I9350 Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  ASM5I9350 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
July 2005
ASM5I9350
rev 0.2
3.3V 1:10 LVCMOS PLL Clock Generator
4 of 12
Notice: The information in this document is subject to change without notice.
Table 2: Function Table
Control
Default
0
1
REF_SEL
0
Xtal
TCLK
PLL_EN
1
Bypass mode, PLL disabled. The
input clock connects to the output
dividers
PLL enabled. The VCO output connects to
the output dividers
OE#
0
Outputs enabled
Outputs disabled (three-state)
FB_SEL
0
Feedback divider ÷32
Feedback divider ÷16
SELA
0
÷2 (Bank A)
÷ 4 (Bank A)
SELB
0
÷4 (Bank B)
÷ 8 (Bank B)
SELC
0
÷4 (Bank C)
÷ 8 (Bank C)
SELD
0
÷4 (Bank D)
÷ 8 (Bank D)
Absolute Maximum Ratings
Parameter
Description
Condition
Min
Max
Unit
VDD
DC Supply Voltage
–0.3
5.5
V
VDD
DC Operating Voltage
Functional
2.375
3.465
V
VIN
DC Input Voltage
Relative to VSS
–0.3
VDD+ 0.3
V
VOUT
DC Output Voltage
Relative to VSS
–0.3
VDD+ 0.3
V
VTT
Output termination Voltage
VDD ÷2
V
LU
Latch Up Immunity
Functional
200
mA
RPS
Power Supply Ripple
Ripple Frequency < 100 kHz
150
mVp-p
TS
Temperature, Storage
Non-functional
–65
+150
°C
TA
Temperature, Operating Ambient
Functional
–40
+85
°C
TJ
Temperature, Junction
Functional
+150
°C
ØJC
Dissipation, Junction to Case
Functional
42
°C/W
ØJA
Dissipation, Junction to Ambient
Functional
105
°C/W
ESDH
ESD Protection (Human Body Model)
2000
Volts
FIT
Failure in Time
Manufacturing test
10
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com