Electronic Components Datasheet Search
  English  ▼

X  

ASM5I9350 Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # ASM5I9350
Description  3.3V 1:10 LVCMOS PLL Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I9350 Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  ASM5I9350 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
July 2005
ASM5I9350
rev 0.2
Alliance Semiconductor
2575, Augustine Drive
• Santa Clara, CA • Tel: 408.855.4900 • Fax: 408.855.4999 • www.alsc.com
Notice: The information in this document is subject to change without notice.
3.3V 1:10 LVCMOS PLL Clock Generator
Features
Output frequency range: 25 MHz to 200 MHz
Input frequency range: 6.25 MHz to 31.25 MHz
2.5V or 3.3V operation
Split 2.5V/3.3V outputs
± 2.5% max Output duty cycle variation
Nine Clock outputs: Drive up to 18 clock lines
Two reference clock inputs: Xtal or LVCMOS
150pS max output-output skew
Phase-locked loop (PLL) bypass mode
‘SpreadTrak’
Output enable/disable
Pin-compatible with MPC9350 and CY29350.
Industrial temperature range: –40°C to +85°C
32-pin 1.0mm TQFP & LQFP Packages
Functional Description
The ASM5I9350 is a low-voltage high-performance
200MHz PLL-based clock driver designed for high speed
clock distribution applications.
The ASM5I9350 features Xtal and LVCMOS reference
clock inputs and provides nine outputs partitioned in four
banks of 1, 1, 2, and 5 outputs. Bank A divides the VCO
output by 2 or 4 while the other banks divide by 4 or 8 per
SEL(A:D) settings, see Table 2. These dividers allow
output to input ratios of 16:1, 8:1, 4:1, and 2:1. Each
LVCMOS compatible output can drive 50Ω series or
parallel
terminated
transmission
lines.
For
series
terminated transmission lines, each output can drive one or
two traces giving the device an effective fanout of 1:18.
The PLL is ensured stable given that the VCO is configured
to run between 200MHz to 500MHz. This allows a wide
range of output frequencies from 25MHz to 200MHz. The
internal VCO is running at multiples of the input reference
clock set by the feedback divider, see Table 1.
When PLL_EN is LOW, PLL is bypassed and the reference
clock directly feeds the output dividers. This mode is fully
static and the minimum input clock frequency specification
does not apply.


Similar Part No. - ASM5I9350

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
ASM5I9351-32-ET ALSC-ASM5I9351-32-ET Datasheet
522Kb / 13P
2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
ASM5I9351-32-LT ALSC-ASM5I9351-32-LT Datasheet
522Kb / 13P
2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
ASM5I9351G-32-ET ALSC-ASM5I9351G-32-ET Datasheet
522Kb / 13P
2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
ASM5I9351G-32-LT ALSC-ASM5I9351G-32-LT Datasheet
522Kb / 13P
2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results

Similar Description - ASM5I9350

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9772 MOTOROLA-MPC9772 Datasheet
238Kb / 16P
3.3V 1:12 LVCMOS PLL Clock Generator
MPC9658 MOTOROLA-MPC9658 Datasheet
292Kb / 12P
3.3V 1:10 LVCMOS PLL Clock Generator
logo
Alliance Semiconductor ...
ASM5I9653A ALSC-ASM5I9653A Datasheet
648Kb / 13P
3.3V 1:8 LVCMOS PLL Clock Generator
ASM5I9658 ALSC-ASM5I9658 Datasheet
579Kb / 14P
3.3V 1:10 LVCMOS PLL Clock Generator
logo
PulseCore Semiconductor
PCS5I9350 PULSECORE-PCS5I9350 Datasheet
490Kb / 12P
3.3V 1:10 LVCMOS PLL Clock Generator
PCS5I9653A PULSECORE-PCS5I9653A Datasheet
644Kb / 13P
3.3V 1:8 LVCMOS PLL Clock Generator
PCS5I9658 PULSECORE-PCS5I9658 Datasheet
613Kb / 15P
3.3V 1:10 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9330 RENESAS-MPC9330 Datasheet
348Kb / 14P
3.3V, 1:6, LVCMOS PLL Clock Generator
3/11/16
MPC9658 RENESAS-MPC9658 Datasheet
681Kb / 13P
3.3V 1:10 LVCMOS PLL Clock Generator
2019
MPC9893 RENESAS-MPC9893 Datasheet
452Kb / 15P
3.3V 1:12 LVCMOS PLL Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com