Electronic Components Datasheet Search
  English  ▼

X  

DLP471TP Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # DLP471TP
Description  DLP471TP .47 4K UHD DMD
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLP471TP Datasheet(HTML) 32 Page - Texas Instruments

Back Button DLP471TP Datasheet HTML 28Page - Texas Instruments DLP471TP Datasheet HTML 29Page - Texas Instruments DLP471TP Datasheet HTML 30Page - Texas Instruments DLP471TP Datasheet HTML 31Page - Texas Instruments DLP471TP Datasheet HTML 32Page - Texas Instruments DLP471TP Datasheet HTML 33Page - Texas Instruments DLP471TP Datasheet HTML 34Page - Texas Instruments DLP471TP Datasheet HTML 35Page - Texas Instruments DLP471TP Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
9 Power Supply Recommendations
The following power supplies are all required to operate the DMD:
• VSS
• VBIAS
• VDD
• VDDA
• VOFFSET
• VRESET
DMD power-up and power-down sequencing is strictly controlled by the DLP display controller.
CAUTION
For reliable operation of the DMD, the following power supply sequencing requirements must be
followed. Failure to adhere to any of the prescribed power-up and power-down requirements may
affect device reliability. See the DMD power supply sequencing requirements in Figure 9-1.
VBIAS, VDD, VDDA, VOFFSET, and VRESET power supplies must be coordinated during power-up and
power-down operations. Failure to meet any of the below requirements will result in a significant
reduction in the DMD reliability and lifetime. Common ground VSS must also be connected.
Table 9-1. Power Supply Sequence Requirements
SYMBOL
PARAMETER
DESCRIPTION
MIN
TYP
MAX UNIT
tDELAY
Delay requirement
from VOFFSET power up to VBIAS power up
2
ms
VOFFSET
Supply voltage level
at beginning of power-up sequence delay(1)
6
V
VBIAS
Supply voltage level
at end of power-up sequence delay(1)
6
V
(1)
See Figure 9-1, Power-Up Sequence Delay Requirement.
9.1 DMD Power Supply Power-Up Procedure
• During power-up, VDD and VDDA must always start and settle before VOFFSET plus Delay1 specified in Table
9-2, VBIAS, and VRESET voltages are applied to the DMD.
• During power-up, it is a strict requirement that the voltage difference between VBIAS and VOFFSET must be
within the specified limit shown in Section 6.4.
• During power-up, there is no requirement for the relative timing of VRESET with respect to VBIAS.
• Power supply slew rates during power-up are flexible, provided that the transient voltage levels follow the
requirements specified in Section 6.1, in Section 6.4, and in Figure 9-1.
• During power-up, LVCMOS input pins must not be driven high until after VDD have settled at operating
voltages listed in Section 6.4.
9.2 DMD Power Supply Power-Down Procedure
• During power-down, VDD and VDDA must be supplied until after VBIAS, VRESET, and VOFFSET are discharged to
within the specified limit of ground. See Table 9-2.
• During power-down, it is a strict requirement that the voltage difference between VBIAS and VOFFSET must be
within the specified limit shown in Section 6.4.
• During power-down, there is no requirement for the relative timing of VRESET with respect to VBIAS.
• Power supply slew rates during power-down are flexible, provided that the transient voltage levels follow the
requirements specified in Section 6.1, inSection 6.4, and in Figure 9-1.
• During power-down, LVCMOS input pins must be less than specified in Section 6.4.
DLP471TP
DLPS173 – AUGUST 2020
www.ti.com
32
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com