Electronic Components Datasheet Search
  English  ▼

X  

DLP471TP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DLP471TP
Description  DLP471TP .47 4K UHD DMD
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLP471TP Datasheet(HTML) 2 Page - Texas Instruments

  DLP471TP Datasheet HTML 1Page - Texas Instruments DLP471TP Datasheet HTML 2Page - Texas Instruments DLP471TP Datasheet HTML 3Page - Texas Instruments DLP471TP Datasheet HTML 4Page - Texas Instruments DLP471TP Datasheet HTML 5Page - Texas Instruments DLP471TP Datasheet HTML 6Page - Texas Instruments DLP471TP Datasheet HTML 7Page - Texas Instruments DLP471TP Datasheet HTML 8Page - Texas Instruments DLP471TP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 8
6.1 Absolute Maximum Ratings........................................ 8
6.2 Storage Conditions..................................................... 9
6.3 ESD Ratings............................................................... 9
6.4 Recommended Operating Conditions.........................9
6.5 Thermal Information.................................................. 11
6.6 Electrical Characteristics...........................................11
6.7 Switching Characteristics..........................................13
6.8 Timing Requirements................................................14
6.9 System Mounting Interface Loads............................ 17
6.10 Micromirror Array Physical Characteristics............. 19
6.11 Micromirror Array Optical Characteristics............... 20
6.12 Window Characteristics.......................................... 22
6.13 Chipset Component Usage Specification............... 22
7 Detailed Description......................................................23
7.1 Overview................................................................... 23
7.2 Functional Block Diagram......................................... 23
7.3 Feature Description...................................................24
7.4 Device Functional Modes..........................................24
7.5 Optical Interface and System Image Quality
Considerations............................................................ 24
7.6 Micromirror Array Temperature Calculation.............. 25
7.7 Micromirror Landed-On/Landed-Off Duty Cycle....... 27
8 Application and Implementation.................................. 30
8.1 Application Information............................................. 30
8.2 Typical Application.................................................... 30
8.3 Temperature Sensor Diode....................................... 31
9 Power Supply Recommendations................................32
9.1 DMD Power Supply Power-Up Procedure................ 32
9.2 DMD Power Supply Power-Down Procedure........... 32
10 Layout...........................................................................34
10.1 Layout Guidelines................................................... 34
10.2 Impedance Requirements.......................................34
10.3 Layers..................................................................... 34
10.4 Trace Width, Spacing..............................................35
10.5 Power......................................................................35
10.6 Trace Length Matching Recommendations............ 36
11 Device and Documentation Support..........................37
11.1 Device Support........................................................37
11.2 Documentation Support.......................................... 38
11.3 Support Resources................................................. 38
11.4 Trademarks............................................................. 38
11.5 Electrostatic Discharge Caution.............................. 38
12 Mechanical, Packaging, and Orderable
Information.................................................................... 39
12.1 Package Option Addendum.................................... 40
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
August 2020
*
Initial release.
DLP471TP
DLPS173 – AUGUST 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com