Electronic Components Datasheet Search
  English  ▼

X  

DLP471TP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DLP471TP
Description  DLP471TP .47 4K UHD DMD
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLP471TP Datasheet(HTML) 3 Page - Texas Instruments

  DLP471TP Datasheet HTML 1Page - Texas Instruments DLP471TP Datasheet HTML 2Page - Texas Instruments DLP471TP Datasheet HTML 3Page - Texas Instruments DLP471TP Datasheet HTML 4Page - Texas Instruments DLP471TP Datasheet HTML 5Page - Texas Instruments DLP471TP Datasheet HTML 6Page - Texas Instruments DLP471TP Datasheet HTML 7Page - Texas Instruments DLP471TP Datasheet HTML 8Page - Texas Instruments DLP471TP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
5 Pin Configuration and Functions
1
3
15
13
11
9
7
5
25
23
21
19
17
2
4
16
14
12
10
8
6
24
22
20
18
A
C
E
G
J
L
N
R
B
D
F
H
K
M
P
T
Figure 5-1. FQQ Package 270-Pin CLGA (Bottom View)
Table 5-1. Pin Functions
PIN(2)
INPUT-
OUTPUT(1)
DESCRIPTION
TERMINATION
TRACE
LENGTH
(mm)
NAME
PAD ID
D_AP(0)
A8
I
High–speed Diffierential Data Pair lane A0
Differential 100Ω
2.15873
D_AN(0)
A7
I
High–speed Diffierential Data Pair lane A0
Differential 100Ω
2.16135
D_AP(1)
B2
I
High–speed Diffierential Data Pair lane A1
Differential 100Ω
8.33946
D_AN(1)
C2
I
High–speed Diffierential Data Pair lane A1
Differential 100Ω
8.34121
D_AP(2)
A6
I
High–speed Diffierential Data Pair lane A2
Differential 100Ω
6.41271
D_AN(2)
A5
I
High–speed Diffierential Data Pair lane A2
Differential 100Ω
6.41305
D_AP(3)
A10
I
High–speed Diffierential Data Pair lane A3
Differential 100Ω
1.8959
D_AN(3)
A9
I
High–speed Diffierential Data Pair lane A3
Differential 100Ω
1.8959
D_AP(4)
D1
I
High–speed Diffierential Data Pair lane A4
Differential 100Ω
12.11543
D_AN(4)
E1
I
High–speed Diffierential Data Pair lane A4
Differential 100Ω
12.11539
D_AP(5)
D3
I
High–speed Diffierential Data Pair lane A5
Differential 100Ω
12.01561
D_AN(5)
E3
I
High–speed Diffierential Data Pair lane A5
Differential 100Ω
12.0164
D_AP(6)
F3
I
High–speed Diffierential Data Pair lane A6
Differential 100Ω
12.98403
D_AN(6)
G3
I
High–speed Diffierential Data Pair lane A6
Differential 100Ω
12.98177
D_AP(7)
A12
I
High–speed Diffierential Data Pair lane A7
Differential 100Ω
2.29773
D_AN(7)
A11
I
High–speed Diffierential Data Pair lane A7
Differential 100Ω
2.29773
DCLK_AP
A3
I
High–speed Diffierential Clock A
Differential 100Ω
11.75367
DCLK_AN
A4
I
High–speed Diffierential Clock A
Differential 100Ω
11.57432
D_BP(0)
A14
I
High–speed Diffierential Data Pair lane B0
Differential 100Ω
2.10786
D_BN(0)
A15
I
High–speed Diffierential Data Pair lane B0
Differential 100Ω
2.10711
D_BP(1)
F23
I
High–speed Diffierential Data Pair lane B1
Differential 100Ω
12.79448
www.ti.com
DLP471TP
DLPS173 – AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com