Electronic Components Datasheet Search
  English  ▼

X  

DLP471TP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DLP471TP
Description  DLP471TP .47 4K UHD DMD
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLP471TP Datasheet(HTML) 13 Page - Texas Instruments

Back Button DLP471TP Datasheet HTML 9Page - Texas Instruments DLP471TP Datasheet HTML 10Page - Texas Instruments DLP471TP Datasheet HTML 11Page - Texas Instruments DLP471TP Datasheet HTML 12Page - Texas Instruments DLP471TP Datasheet HTML 13Page - Texas Instruments DLP471TP Datasheet HTML 14Page - Texas Instruments DLP471TP Datasheet HTML 15Page - Texas Instruments DLP471TP Datasheet HTML 16Page - Texas Instruments DLP471TP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
6.7 Switching Characteristics
Over operating free-air temperature range and supply voltages (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpd
Output propagation, Clock to Q (C2Q), rising edge of
LS_CLK (differential clock signal) input to LS_RDATA
output. (1)
CL = 5 pF
11.1
ns
CL = 10 pF
11.3
ns
Slew rate, LS_RDATA
20%-80%, CL <10pF
0.5
V/ns
Output duty cycle distortion, LS_RDATA_A and
LS_RDATA_B
50-(C2Q rise - C2Q
fall )*130e6*100
40
60
%
(1)
See Figure 6-2.
Stop (1)
LS_WDATA_P
Start (0)
LS_CLK_P
LS_RDATA_A
BIST_A
LS_CLK_N
LS_WDATA_N
Acknowledge
tPD
0
1
1
0
1
1 period
0
1
0
1
0
Figure 6-2. Switching Characteristics
www.ti.com
DLP471TP
DLPS173 – AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com