Electronic Components Datasheet Search
  English  ▼

X  

INA901-SP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA901-SP
Description  INA901-SP Radiation Hardened, ??5-V to 65-V Common Mode, Unidirectional Current-Shunt Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA901-SP Datasheet(HTML) 5 Page - Texas Instruments

  INA901-SP Datasheet HTML 1Page - Texas Instruments INA901-SP Datasheet HTML 2Page - Texas Instruments INA901-SP Datasheet HTML 3Page - Texas Instruments INA901-SP Datasheet HTML 4Page - Texas Instruments INA901-SP Datasheet HTML 5Page - Texas Instruments INA901-SP Datasheet HTML 6Page - Texas Instruments INA901-SP Datasheet HTML 7Page - Texas Instruments INA901-SP Datasheet HTML 8Page - Texas Instruments INA901-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
INA901-SP
www.ti.com
SBOS938C – OCTOBER 2018 – REVISED JUNE 2020
Product Folder Links: INA901-SP
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
(1)
For subgroup definitions, see the Quality Conformance Inspection table.
(2)
For output behavior when VSENSE < 20 mV, see the Accuracy Variations as a Result of VSENSE and Common-Mode Voltage section.
(3)
Total output error includes effects of gain error and VOS.
6.5 Electrical Characteristics
VS = 2.7 V and 16 V, VCM = –15 V, 12 V and 65 V, VSENSE = 100 mV, and PRE OUT connected to BUF IN, unless otherwise
noted. TA is as shown in SUBGROUP column.
PARAMETER
TEST CONDITIONS
SUBGROUP(1)
MIN
TYP
MAX
UNIT
INPUT
VSENSE
Full-scale input voltage
VSENSE = (VIN+) – (VIN–)
[1, 2, 3]
0.15 (VS – 0.2) / Gain
V
VCM
Common-mode input range
[1, 2, 3]
–15
65
V
CMRR
Common-mode rejection ratio
VIN+ = –15 V to 65 V
[1]
80
120
dB
[2, 3]
70
120
VOS
Offset voltage, RTI
[1]
±0.5
±2.5
mV
[2, 3]
±3.5
dVOS/dT
2.5
μV/°C
PSR
VOS vs power-supply
[1, 2, 3]
5
250
μV/V
IB
Input bias current, VIN– pin
[1]
±8
±16
μA
[2, 3]
±19
PRE OUT output impedance
96
k
Ω
Buffer input bias current
–50
nA
Buffer input bias current
temperature coefficient
±0.03
nA/°C
OUTPUT (VSENSE ≥ 20 mV)
(2)
G
Gain
20
V/V
GBUF
Output buffer gain
2
V/V
Total gain error
VSENSE = 20 mV to 100 mV
[4, 5, 6]
±0.2%
±1.5%
Total gain error vs temperature
TA = –55 °C to 125 °C
50
ppm/°C
Total output error(3)
[4]
±0.75%
±2%
[5, 6]
±3%
Nonlinearity error
VSENSE = 20 mV to 100 mV
±0.002%
RO
Output impedance, pin 5
1.5
Ω
Maximum capacitive load
No sustained oscillation
10
nF
VOLTAGE OUTPUT (RL = 10 kΩ to GND)
Swing to V+ power-supply rail
[1, 2, 3]
(V+) – 0.05
(V+) – 0.2
V
Swing to GND
[1, 2, 3]
VGND + 0.003
VGND + 0.05
V
FREQUENCY RESPONSE
BW
Bandwidth
CLOAD = 5 pF
130
kHz
Phase margin
CLOAD < 10 nF
40
°
SR
Slew rate
1
V/μs
tS
Settling time (1%)
VSENSE = 10 mV to 100 mVPP,
CLOAD = 5 pF
2
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com