Electronic Components Datasheet Search
  English  ▼

X  

INA901-SP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA901-SP
Description  INA901-SP Radiation Hardened, ??5-V to 65-V Common Mode, Unidirectional Current-Shunt Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA901-SP Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA901-SP Datasheet HTML 8Page - Texas Instruments INA901-SP Datasheet HTML 9Page - Texas Instruments INA901-SP Datasheet HTML 10Page - Texas Instruments INA901-SP Datasheet HTML 11Page - Texas Instruments INA901-SP Datasheet HTML 12Page - Texas Instruments INA901-SP Datasheet HTML 13Page - Texas Instruments INA901-SP Datasheet HTML 14Page - Texas Instruments INA901-SP Datasheet HTML 15Page - Texas Instruments INA901-SP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
12
INA901-SP
SBOS938C – OCTOBER 2018 – REVISED JUNE 2020
www.ti.com
Product Folder Links: INA901-SP
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
Feature Description (continued)
7.3.3 Transient Protection
The –15-V to 65-V common-mode range of INA901-SP is ideal for withstanding fault conditions ranging from 12-
V battery reversal up to 65-V transients because no additional protective components are needed up to those
levels. In the event that the INA901-SP is exposed to transients on the inputs in excess of its ratings, external
transient absorption with semiconductor transient absorbers (Zeners or Transzorbs) are necessary.
Use of MOVs or VDRs is not recommended except when they are used in addition to a semiconductor transient
absorber. Select the transient absorber such that it never allows the INA901-SP to be exposed to transients
greater than 65 V (that is, allow for transient absorber tolerance, as well as additional voltage because of
transient absorber dynamic impedance). Despite the use of internal Zener-type ESD protection, the INA901-SP is
not suited to using external resistors in series with the inputs because the internal gain resistors can vary up to
±30%, but are tightly matched (if gain accuracy is not important, then resistors can be added in series with the
INA901-SP inputs with two equal resistors on each input).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com