Electronic Components Datasheet Search
  English  ▼

X  

INA901-SP Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # INA901-SP
Description  INA901-SP Radiation Hardened, ??5-V to 65-V Common Mode, Unidirectional Current-Shunt Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA901-SP Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA901-SP Datasheet HTML 15Page - Texas Instruments INA901-SP Datasheet HTML 16Page - Texas Instruments INA901-SP Datasheet HTML 17Page - Texas Instruments INA901-SP Datasheet HTML 18Page - Texas Instruments INA901-SP Datasheet HTML 19Page - Texas Instruments INA901-SP Datasheet HTML 20Page - Texas Instruments INA901-SP Datasheet HTML 21Page - Texas Instruments INA901-SP Datasheet HTML 22Page - Texas Instruments INA901-SP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
IN-
GND
PRE
OUT
V+
NC
IN+
BUF IN
OUT
Analog Output
Supply Bypass
Capacitor
Single-Pole Filter
Capacitor
Supply Voltage
Via to Internal Layer
Via to Power or Ground Plane
Shunt Resistor
19
INA901-SP
www.ti.com
SBOS938C – OCTOBER 2018 – REVISED JUNE 2020
Product Folder Links: INA901-SP
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
•
Connect the input pins to the sensing resistor using a Kelvin or 4-wire connection. This connection technique
ensures that only the current-sensing resistor impedance is detected between the input pins. Poor routing of
the current-sensing resistor commonly results in additional resistance present between the input pins. Given
the very low ohmic value of the current resistor, any additional high-current carrying impedance can cause
significant measurement errors.
•
Place the power-supply bypass capacitor as closely as possible to the supply and ground pins. The
recommended value of this bypass capacitor is 0.1 μF. Additional decoupling capacitance can be added to
compensate for noisy or high-impedance power supplies.
10.1.1 RFI and EMI
Attention to good layout practices is always recommended. Keep traces short and, when possible, use a printed
circuit board (PCB) ground plane with surface-mount components placed as close to the device pins as possible.
Small ceramic capacitors placed directly across amplifier inputs can reduce RFI and EMI sensitivity. PCB layout
must locate the amplifier as far away as possible from RFI sources. Sources can include other components in
the same system as the amplifier itself, such as inductors (particularly switched inductors handling a lot of current
and at high frequencies). RFI can generally be identified as a variation in offset voltage or dc signal levels with
changes in the interfering RF signal. If the amplifier cannot be located away from sources of radiation, shielding
may be needed. Twisting wire input leads makes them more resistant to RF fields.
10.2 Layout Example
Figure 22. Example Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com