Electronic Components Datasheet Search
  English  ▼

X  

INA901-SP Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # INA901-SP
Description  INA901-SP Radiation Hardened, ??5-V to 65-V Common Mode, Unidirectional Current-Shunt Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA901-SP Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA901-SP Datasheet HTML 14Page - Texas Instruments INA901-SP Datasheet HTML 15Page - Texas Instruments INA901-SP Datasheet HTML 16Page - Texas Instruments INA901-SP Datasheet HTML 17Page - Texas Instruments INA901-SP Datasheet HTML 18Page - Texas Instruments INA901-SP Datasheet HTML 19Page - Texas Instruments INA901-SP Datasheet HTML 20Page - Texas Instruments INA901-SP Datasheet HTML 21Page - Texas Instruments INA901-SP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
18
INA901-SP
SBOS938C – OCTOBER 2018 – REVISED JUNE 2020
www.ti.com
Product Folder Links: INA901-SP
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
9 Power Supply Recommendations
The input circuitry of the INA901-SP can accurately measure beyond its power-supply voltage, V+. For example,
the V+ power supply can be 5 V, whereas the load power-supply voltage is up to 65 V. The output voltage range
of the OUT terminal, however, is limited by the voltages on the power-supply pin.
Power-supply bypass capacitors are required for stability. Applications with noisy or high-impedance power
supplies may require additional decoupling capacitors to reject power-supply noise. Place minimum bypass
capacitors of 0.01 μF and 0.1 μF in value close to the supply pins. Although not mandatory, an additional 10-mF
electrolytic capacitor placed in parallel with the other bypass capacitors may be useful in applications with
particularly noisy supplies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com