Electronic Components Datasheet Search
  English  ▼

X  

INA901EVM-CVAL Datasheet(PDF) 10 Page - Texas Instruments

Part # INA901EVM-CVAL
Description  INA901-SP Radiation Hardened, ??5-V to 65-V Common Mode, Unidirectional Current-Shunt Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA901EVM-CVAL Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA901EVM-CVAL Datasheet HTML 6Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 7Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 8Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 9Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 10Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 11Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 12Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 13Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
A1
A2
PRE OUT
BUF IN
GND
OUT
IN
IN+
V+
10
INA901-SP
SBOS938C – OCTOBER 2018 – REVISED JUNE 2020
www.ti.com
Product Folder Links: INA901-SP
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The INA901-SP current-shunt monitor with voltage output can sense drops across current shunts at common-
mode voltages from –15 V to 65 V, independent of the supply voltage. The INA901-SP pinout readily enables
filtering.
The INA901-SP is available with a 20-V/V output voltage scale. The 130-kHz bandwidth simplifies use in current-
control loops.
The INA901-SP operates from a single 2.7-V to 18-V supply, drawing a maximum of 1200 μA of supply current.
The device is specified over the extended operating temperature range of –55 °C to 125 °C and is offered in an
8-pin CFP package.
7.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com