Electronic Components Datasheet Search
  English  ▼

X  

INA901EVM-CVAL Datasheet(PDF) 15 Page - Texas Instruments

Part # INA901EVM-CVAL
Description  INA901-SP Radiation Hardened, ??5-V to 65-V Common Mode, Unidirectional Current-Shunt Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA901EVM-CVAL Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA901EVM-CVAL Datasheet HTML 11Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 12Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 13Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 14Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 15Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 16Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 17Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 18Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
0.48
0.44
0.40
0.36
0.32
0.28
0.24
0.20
0.16
0.12
0.08
0.04
0
0
2
4
6
8
10
12
14
16
18
20
22
V
(mV)
SENSE
24
V
Limit
OUT
V
CM2
V
CM1
V
CM3
V
CM4
V
, V
, and V
illustrate the variance
CM2
CM3
CM4
from part to part of the V
that can cause
CM
maximum V
with V
< 20 mV.
OUT
SENSE
V
limit at V
= 0 mV,
OUT
SENSE
0
V
V
≤
≤
CM1
S
Ideal
0.40
0.36
0.32
0.28
0.24
0.20
0.16
0.12
0.08
0.04
0
0
2
4
6
8
10
12
14
16
18
V
(mV)
SENSE
20
Actual
Ideal
15
INA901-SP
www.ti.com
SBOS938C – OCTOBER 2018 – REVISED JUNE 2020
Product Folder Links: INA901-SP
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
Device Functional Modes (continued)
When VSENSE approaches 0 mV, in these VCM regions, the device output accuracy degrades. A larger-than-
normal offset can appear at the current shunt monitor output with a typical maximum value of VOUT = 60 mV for
VSENSE = 0 mV. When VSENSE approaches 20 mV, VOUT returns to the expected output value with accuracy as
specified in the Electrical Characteristics table. Figure 17 shows this effect using the INA901-SP (gain = 20).
Figure 17. Example For Low VSENSE Cases 1 and 3 (INA901-SP Gain = 20)
7.4.2.4 Low VSENSE Case 2: VSENSE < 20 mV, 0 V ≤ VCM ≤ VS
This region of operation is the least accurate for the INA901-SP. To achieve the wide input common-mode
voltage range, this device uses two op amp front ends in parallel. One op amp front end operates in the positive
input common-mode voltage range, and the other in the negative input region. For this case, neither of these two
internal amplifiers dominates and overall loop gain is very low. Within this region, VOUT approaches voltages
close to linear operation levels for Normal Case 2.
This deviation from linear operation becomes greatest the closer VSENSE approaches 0 V. Within this region,
when VSENSE approaches 20 mV, device operation is closer to that described by Normal Case 2. Figure 18
shows this behavior for the INA901-SP. The VOUT maximum peak for this case is determined by maintaining a
constant VS, setting VSENSE = 0 mV, and sweeping VCM from 0 V to VS. The exact VCM at which VOUT peaks
during this case varies from device to device. The maximum peak voltage for the INA901-SP is 0.4 V.
Figure 18. Example for Low VSENSE Case 2 (INA901-SP, Gain = 20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com