Electronic Components Datasheet Search
  English  ▼

X  

INA901EVM-CVAL Datasheet(PDF) 16 Page - Texas Instruments

Part # INA901EVM-CVAL
Description  INA901-SP Radiation Hardened, ??5-V to 65-V Common Mode, Unidirectional Current-Shunt Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA901EVM-CVAL Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA901EVM-CVAL Datasheet HTML 12Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 13Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 14Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 15Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 16Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 17Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 18Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 19Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
5 NŸ
5 NŸ
RL
96 NŸ
RS
GND
0.1 …F
0.01 …F
GND
GND
Single-Pole
Filter Capacitor
Load
OUT
+2.7 V to +18 V
-15 V to +65 V
Supply
IN+
IN-
A1
A2
+
+
±
±
+
±
PRE OUT
BUF IN
V+
16
INA901-SP
SBOS938C – OCTOBER 2018 – REVISED JUNE 2020
www.ti.com
Product Folder Links: INA901-SP
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The INA901-SP measures the voltage developed across a current-sensing resistor when current passes through
it. There is also a filtering feature to remove unwanted transients and smooth the output voltage.
8.2 Typical Application
Figure 19. Filtering Configuration
8.2.1 Design Requirements
In this application, the device is configured to measure a triangular periodic current at 10 kHz with filtering. The
average current through the shunt is the information that is desired. This current can be either solenoid current or
inductor current where current is being pulsed through.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com