Electronic Components Datasheet Search
  English  ▼

X  

INA901EVM-CVAL Datasheet(PDF) 17 Page - Texas Instruments

Part # INA901EVM-CVAL
Description  INA901-SP Radiation Hardened, ??5-V to 65-V Common Mode, Unidirectional Current-Shunt Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA901EVM-CVAL Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA901EVM-CVAL Datasheet HTML 13Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 14Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 15Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 16Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 17Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 18Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 19Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 20Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
17
INA901-SP
www.ti.com
SBOS938C – OCTOBER 2018 – REVISED JUNE 2020
Product Folder Links: INA901-SP
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
Typical Application (continued)
Selecting the capacitor size is based on the lowest frequency component to be filtered out. The amount of signal
that is filtered out is dependant on this cutoff frequency. From the cutoff frequency, the attenuation is 20 dB per
decade.
8.2.2 Detailed Design Procedure
Without this filtering capability, an input filter must be used. When series resistance is added to the input, large
errors also come into play because the resistance must be large to create a low cutoff frequency. By using a
10-nF capacitor for the single-pole filter capacitor, the 10-kHz signal is averaged. The cutoff frequency made by
the capacitor is set at 166-Hz frequency. This frequency is well below the periodic frequency and reduces the
ripple on the output and the average current can easily be measured.
8.2.3 Application Curves
Figure 20 shows the output waveform without filtering. The output signal tracks the input signal with a large
ripple. If this current is sampled by an ADC, many samples must be taken to average the current digitally. This
process requires additional time for sampling or operating at a higher sampling rate, which may be undesirable
for the application.
Figure 21 shows the output waveform with filtering. shows the output waveform with filtering. The average value
of the current with a small ripple can now be easily sampled by the converter without the need for digital
averaging.
Figure 20. Without Filtering
Figure 21. With Filtering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com