Electronic Components Datasheet Search
  English  ▼

X  

LMK04832W/EM Datasheet(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
Part # LMK04832W/EM
Description  LMK04832-SP Space Grade Ultra-Low-Noise JESD204B Dual-Loop Clock Jitter Cleaner
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832W/EM Datasheet(HTML) 92 Page - Texas Instruments

Back Button LMK04832W/EM Datasheet HTML 88Page - Texas Instruments LMK04832W/EM Datasheet HTML 89Page - Texas Instruments LMK04832W/EM Datasheet HTML 90Page - Texas Instruments LMK04832W/EM Datasheet HTML 91Page - Texas Instruments LMK04832W/EM Datasheet HTML 92Page - Texas Instruments LMK04832W/EM Datasheet HTML 93Page - Texas Instruments LMK04832W/EM Datasheet HTML 94Page - Texas Instruments LMK04832W/EM Datasheet HTML 95Page - Texas Instruments LMK04832W/EM Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 99 page
background image
11.2 Layout Example
CLKouts/OSCouts - Differential signals should
be routed tightly coupled to minimize PCB
crosstalk.
For LVPECL/LCPECL/CML place components
resistors close to IC.
OSCout shares pins with CLKin2 and is
programmable for input or output.
For CLKout Vccs in JESD204B application,
Place the ferrite beads then a 1-µF capacitor.
The 1-µF capacitor supports low-frequency
SYSREF switching/turning on.
For CLKout Vccs in traditional applications,
place a ferrite bead on top layer close to pins
to choke high-frequency noise from the via.
CLKin and OSCin - If differential input
(preferred) route traces tightly coupled. If single
ended, have at least 3-trace width (of CLKin/
OSCin trace) separation from other RF traces.
Place terminations close to IC. CLKin2 and
OSCout share pins and are programmable
for input or output.
Charge pump output - shorter traces are
better. Place all resistors and caps close to
the IC.
Figure 11-1. Top Layer
LMK04832-SP
SNAS698A – MARCH 2017 – REVISED AUGUST 2020
www.ti.com
92
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: LMK04832-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com