Electronic Components Datasheet Search
  English  ▼

X  

OPA2863 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2863
Description  OPAx863 Low-Power, 100-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2863 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA2863 Datasheet HTML 7Page - Texas Instruments OPA2863 Datasheet HTML 8Page - Texas Instruments OPA2863 Datasheet HTML 9Page - Texas Instruments OPA2863 Datasheet HTML 10Page - Texas Instruments OPA2863 Datasheet HTML 11Page - Texas Instruments OPA2863 Datasheet HTML 12Page - Texas Instruments OPA2863 Datasheet HTML 13Page - Texas Instruments OPA2863 Datasheet HTML 14Page - Texas Instruments OPA2863 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
+
VS+
VS-
VIN+
VOUT
Power Sup ply
ESD Cell
VIN-
±
PD
11
OPA2863
www.ti.com
SBOS982A – JUNE 2020 – REVISED JUNE 2020
Product Folder Links: OPA2863
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Feature Description (continued)
8.3.3 ESD Protection
As Figure 7 shows, all device pins are protected with internal ESD protection diodes to the power supplies.
These diodes provide moderate protection to input overdrive voltages above the supplies. The protection diodes
can typically support 10-mA continuous input and output currents. Use series current limiting resistors if input
voltages exceeding the supply voltages occur at the amplifier inputs, which ensures the current through the ESD
diodes remains within their rated value. Keep these resistor values as low as possible because using high values
degrades noise performance and frequency response.
Since OPAx863 is a bipolar amplifier, the two inputs are protected with anti-parallel back-to-back diodes between
them which limits the maximum input differential voltage to approximately 1 V. In very fast input or output
transient conditions, the amplifier is slew limited and the two inputs are pulled apart up to 1 V, when the anti-
parallel diodes begin to conduct. Care must be taken to use gain-setting and feedback resistors large enough to
limit the current through these diodes in such conditions.
Figure 7. Internal ESD Protection
8.4 Device Functional Modes
8.4.1 Power-Down Mode
The OPAx863 devices include a power-down mode for low-power standby operation with a quiescent current of
only 1.5 μA (maximum). Many applications, such as battery powered systems, are active for only a small time
interval when the parameters of interest are measured and remain in low-power standby mode for a majority of
the time. This results in an overall small average power consumption. The OPAx863 device enable such a low-
power operation with quick turn-on that the device turns on within less than 10 μsec. The device remains in
power-down mode with PD pin voltage less than VS+– 1.5 V (disabled up to VS–) and returns to active-mode with
PD pin voltage greater than VS+– 0.5 V up to VS+. The intermediate PD pin voltage range from VS+– 1.5 V to
VS+– 0.5 V should be avoided to prevent erratic device turn-on and turn-off behavior.
8.4.2 Split-Supply Operation (±1.35 V to ±6.3 V)
See the OPA2863DGK Evaluation Module user guide for more information on how the OPAx863 devices can be
configured to allow for split-supply operation to facilitate testing with common lab equipment. This configuration
eases lab testing because the mid-point between the power rails is ground, and most signal generators, network
analyzers, oscilloscopes, spectrum analyzers, and other lab equipment reference the inputs and outputs to
ground. Figure 8 depicts the OPAx863 devices configured as a noninverting amplifier and Figure 9 illustrates the
OPAx863 devices configured as an inverting amplifier. For split-supply operation referenced to ground, the power
supplies VS+ and VS- are symmetrical around ground and VREF is at GND. Split-supply operation is preferred in
systems where the signals swing around ground because of the ease-of-use; however, the system requires two
supply rails.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com