Electronic Components Datasheet Search
  English  ▼

X  

OPA2863 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2863
Description  OPAx863 Low-Power, 100-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2863 Datasheet(HTML) 3 Page - Texas Instruments

  OPA2863 Datasheet HTML 1Page - Texas Instruments OPA2863 Datasheet HTML 2Page - Texas Instruments OPA2863 Datasheet HTML 3Page - Texas Instruments OPA2863 Datasheet HTML 4Page - Texas Instruments OPA2863 Datasheet HTML 5Page - Texas Instruments OPA2863 Datasheet HTML 6Page - Texas Instruments OPA2863 Datasheet HTML 7Page - Texas Instruments OPA2863 Datasheet HTML 8Page - Texas Instruments OPA2863 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1
2
3
6
4
VO UT
VS-
VS+
VI N+
VI N-
5
PD
3
OPA2863
www.ti.com
SBOS982A – JUNE 2020 – REVISED JUNE 2020
Product Folder Links: OPA2863
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE
VS± (V)
IQ / CHANNEL
(mA)
GBW
P
(MHz)
SLEW RATE
(V/µs)
VOLTAGE NOISE
(nV/
√Hz)
AMPLIFIER DESCRIPTION
OPAx863
±6.3
0.72
50
100
5.9
Unity-gain stable RRIO Bipolar Amplifier
LMH6643
±6.4
2.7
65
130
17
Unity-gain stable NRI/RRO Bipolar Amplifier
OPAx810
±13.5
3.6
70
200
6.3
Unity-gain stable RRIO FET-Input Amplifier
OPAx837
±2.7
0.6
50
105
4.7
Unity-gain stable NRI/RRO Bipolar Amplifier
OPAx607
±2.75
0.9
50
24
3.8
Decompensated Gain of 6V/V stable CMOS
Amplifier
(1)
I = input, O = output, and P = power.
6 Pin Configuration and Functions
DBV Package (Preview)
6-Pin SOT-23
Top View
Pin Functions
PIN
FUNCTION(1)
DESCRIPTION
NAME
OPA863
SOT-23
VOUT
1
O
Output pin
VS–
2
P
Negative power-supply pin
VIN+
3
I
Noninverting input pin
VIN–
4
I
Inverting input pin
PD
5
I
Power down.
Low = disabled, high = normal operation (pin must be driven).
VS+
6
P
Positive power-supply input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com