Electronic Components Datasheet Search
  English  ▼

X  

OPA2863 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2863
Description  OPAx863 Low-Power, 100-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2863 Datasheet(HTML) 2 Page - Texas Instruments

  OPA2863 Datasheet HTML 1Page - Texas Instruments OPA2863 Datasheet HTML 2Page - Texas Instruments OPA2863 Datasheet HTML 3Page - Texas Instruments OPA2863 Datasheet HTML 4Page - Texas Instruments OPA2863 Datasheet HTML 5Page - Texas Instruments OPA2863 Datasheet HTML 6Page - Texas Instruments OPA2863 Datasheet HTML 7Page - Texas Instruments OPA2863 Datasheet HTML 8Page - Texas Instruments OPA2863 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
OPA2863
SBOS982A – JUNE 2020 – REVISED JUNE 2020
www.ti.com
Product Folder Links: OPA2863
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 6
7.1
Absolute Maximum Ratings ...................................... 6
7.2
ESD Ratings.............................................................. 6
7.3
Recommended Operating Conditions ....................... 6
7.4
Thermal Information .................................................. 6
7.5
Electrical Characteristics: 10 V ................................. 7
7.6
Typical Characteristics: VS = 10 V ............................ 8
8
Detailed Description .............................................. 9
8.1
Overview ................................................................... 9
8.2
Functional Block Diagram ......................................... 9
8.3
Feature Description................................................. 10
8.4
Device Functional Modes........................................ 11
9
Application and Implementation ........................ 12
9.1
Application Information............................................ 12
9.2
Low-Side Current Sensing ...................................... 13
9.3
Transimpedance Amplifier ..................................... 14
9.4
Low-Power SAR ADC Driver and Reference Buffer
.................................................................................16
9.5
Front-End Gain and Filtering................................... 16
9.6
Clamp-On Ultrasonic Flow Meter............................ 17
9.7
Variable Reference Generator Using MDAC .......... 17
10
Power Supply Recommendations ..................... 18
11
Layout................................................................... 18
11.1
Layout Guidelines ................................................. 18
11.2
Layout Example .................................................... 20
12
Device and Documentation Support ................. 21
12.1
Documentation Support ....................................... 21
12.2
Related Links ........................................................ 21
12.3
Receiving Notification of Documentation Updates 21
12.4
Community Resources.......................................... 21
12.5
Trademarks ........................................................... 21
12.6
Electrostatic Discharge Caution ............................ 21
12.7
Glossary ................................................................ 21
13
Mechanical, Packaging, and Orderable
Information ........................................................... 21
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (June 2020) to Revision A
Page
•
Updated links to product folder............................................................................................................................................... 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com