Electronic Components Datasheet Search
  English  ▼

X  

OPA2863 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2863
Description  OPAx863 Low-Power, 100-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2863 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA2863 Datasheet HTML 9Page - Texas Instruments OPA2863 Datasheet HTML 10Page - Texas Instruments OPA2863 Datasheet HTML 11Page - Texas Instruments OPA2863 Datasheet HTML 12Page - Texas Instruments OPA2863 Datasheet HTML 13Page - Texas Instruments OPA2863 Datasheet HTML 14Page - Texas Instruments OPA2863 Datasheet HTML 15Page - Texas Instruments OPA2863 Datasheet HTML 16Page - Texas Instruments OPA2863 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
4
)
=
8
+0
(I=T .) F
8
&
F 85
+
&
(I=T .)
8
1 =
4
(
4
)
+
5* 45* + 84'(
+
±
600Ÿ
600Ÿ
12kŸ
12kŸ
RSH
1.65V
GND
Switchi ng
Circuit
ISH
VOUT
3.3V
OPA x863
250Ÿ
ADS705 6
+
±
3.3V
TLV320 1
VTH
MCU
Interrupt
Digital I/O
300V
3.3V
220pF
13
OPA2863
www.ti.com
SBOS982A – JUNE 2020 – REVISED JUNE 2020
Product Folder Links: OPA2863
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
9.2 Low-Side Current Sensing
Power converters use current-mode feedback control for superior transient response and multi-phase load
sharing. Inverter stages control the phase currents for torque control in motor drives. Due to its simplicity and
low-cost, many of these topologies use difference amplifier based low-side current sensing. Figure 10 shows the
use of OPAx863 in a difference amplifier circuit for low-side current sensing.
Figure 10. Low-Side Current Sensing in Power Converters
9.2.1 Design Requirements
Table 1. Design Requirements
PARAMETER
DESIGN REQUIREMENT
Shunt resistor
10 mΩ
Input current
15 APP
Output voltage
3 VPP
Switching frequency
50 kHz
Data acquisition
1 MSPS with 0.1% accuracy
Input voltage due to ground bounce
10 Vpk
In a difference amplifier circuit, the output voltage is given by,
For lowest system noise, small values of RF and RG are preferred. The smallest value of RG is limited by the
input transient voltage (10V here) seen by the circuit, and is given by,
Where,
•
VIN(maximum) is the maximum input transient voltage seen by the circuit
•
VD is the forward voltage drop of ESD diodes at the amplifier input
•
ID(maximum) is the maximum current rating of the ESD diodes at the amplifier input
For a difference amplifier gain of 20 V/V, RF and RG of 12kΩ and 600Ω are used, respectively. With a clock
frequency of 40 MHz and ADS7056 sampling at 1 MSPS, the available acquisition time for amplifier output
settling is 550 ns. Figure 11 shows the simulation results for the circuit in Figure 10. The worst-case peak-to-
peak input transient condition is simulated. The OPAx863 devices output settles to within 0.1% accuracy within
543 ns. If use of a slower clock frequency with the ADC is desired, the acquisition time reduces for the same
sampling rate which worsens measurement accuracy. Alternatively, the sampling rate may be reduced to recover
the required acquisition time and 0.1% accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com