Electronic Components Datasheet Search
  English  ▼

X  

EM78805C Datasheet(PDF) 16 Page - ELAN Microelectronics Corp

Part # EM78805C
Description  8-bit MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78805C Datasheet(HTML) 16 Page - ELAN Microelectronics Corp

Back Button EM78805C Datasheet HTML 12Page - ELAN Microelectronics Corp EM78805C Datasheet HTML 13Page - ELAN Microelectronics Corp EM78805C Datasheet HTML 14Page - ELAN Microelectronics Corp EM78805C Datasheet HTML 15Page - ELAN Microelectronics Corp EM78805C Datasheet HTML 16Page - ELAN Microelectronics Corp EM78805C Datasheet HTML 17Page - ELAN Microelectronics Corp EM78805C Datasheet HTML 18Page - ELAN Microelectronics Corp EM78805C Datasheet HTML 19Page - ELAN Microelectronics Corp EM78805C Datasheet HTML 20Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
EM78P803A
8-bit Micro-controller
_________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
12
2005/8/12
V1.3.3
R4 (RBSR: RAM bank, RAM selection for common registers R20 ~ R3F)
7
6
5
4
3
2
1
0
RB1
RB0
RSR5
RSR4
RSR3
RSR2
RSR1
RSR0
R/W-0
R/W-0
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
Bit 0 ~ Bit 5 (RSR0 ~ RSR5) : Indirect addressing for common registers R20 ~ R3F
RSR bits are used to select up to 32 registers (R20 to R3F) in the indirect addressing mode.
Bit 6 ~ Bit 7 (RB0 ~ RB1) : Bank selection bits for common registers R20 ~ R3F
These selection bits are used to determine which bank is activated among the 3 banks for 32 registers (R20 to
R3F). The bank 3 doesn’t exist and cannot access.
(RB1,RB0)
Bank # for R20 ~ R3F
00
Bank 0
01
Bank 1
10
Bank 2
11
N/A
R5 (P5IOD: PORT5 I/O data, Program ROM page selection)
7
6
5
4
3
2
1
0
P57
P56
P55
P54
PS3
PS2
PS1
PS0
R/W
R/W
R/W
R/W
R-0
R/W-0
R/W-0
R/W-0
Bit 0 ~ 3 (PS0 ~ PS3) : Page selection bits
They should be set before JMP or CALL instruction.
Page select bits
PS3
PS2
PS1
PS0
Program memory page (Address)
0
0
0
0
Page 0
0
0
0
1
Page 1
0
0
1
0
Page 2
0
0
1
1
Page 3
:
:
:
:
:
:
:
:
:
:
0
1
1
0
Page 6
0
1
1
1
Page 7
User can use PAGE instruction to change page and maintain program page by user. Otherwise, user can use
far jump (FJMP) or far call (FCALL) instructions to program user's code. EMC’s complier maintains the
program page. It will change user's program by inserting instructions within program.
Bit 3 is always 0 and can’t be set.
Bit 5 ~ 7 (P54 ~ P57) : 4-bit PORT5(4 ~ 7) I/O data register
R6 (P6IOD: PORT6 I/O data)
7
6
5
4
3
2
1
0
P67
P66
P65
P64
P63
P62
P61
P60
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit 0 ~ Bit 7 (P60 ~ P67) : 8-bit PORT6(0~7) I/O data register
User can use IOC register to define input or output each bit.
R7 (P7IOD: PORT7 I/O data)
7
6
5
4
3
2
1
0
P77
P76
P75
P74
P73
P72
P71
P70
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit 0 ~ Bit 7 (P70 ~ P77) : 8-bit PORT7(0~7) I/O data register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com