Electronic Components Datasheet Search
  English  ▼

X  

EM78805C Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM78805C
Description  8-bit MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78805C Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM78805C Datasheet HTML 9Page - ELAN Microelectronics Corp EM78805C Datasheet HTML 10Page - ELAN Microelectronics Corp EM78805C Datasheet HTML 11Page - ELAN Microelectronics Corp EM78805C Datasheet HTML 12Page - ELAN Microelectronics Corp EM78805C Datasheet HTML 13Page - ELAN Microelectronics Corp EM78805C Datasheet HTML 14Page - ELAN Microelectronics Corp EM78805C Datasheet HTML 15Page - ELAN Microelectronics Corp EM78805C Datasheet HTML 16Page - ELAN Microelectronics Corp EM78805C Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
EM78P803A
8-bit Micro-controller
_________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
9
2005/8/12
V1.3.3
VII. Functional Descriptions
VII.1 Operational Registers
Register configuration 1:
IOC PAGE
Addr
R PAGE registers
IOC PAGE0
IOC PAGE1
00
INDA
Indirect addressing
01
TCCD
TCC data
02
PC
Program counter
03
STA
IOC Page, Tone 1, 2 power control,
Status
04
RBSR
Register bank, RSR
05
P5IOD
PORT5 I/O data, Program ROM page
P5IOC
PORT5 I/O control,
06
P6IOD
PORT6 I/O data
P6IOC
PORT6 I/O control
07
P7IOD
PORT7 I/O data
P7IOC
PORT7 I/O control
08
P8IOD
PORT8 I/O date
P8IOC
PORT8 I/O control
09
P9IOD
PORT9 I/O data
P9IOC
PORT9 I/O control
0A
MCUC
CPU power saving, PLL, Main clock
selection
PSW
(P8 low nibble, P5) switch, LCD bias, Key
scan control
DEDC
LCD power saving, Low battery detect,
DED control
0B
DEDO
Green tone, DED output, CID RAM
bank
LCDA
LCD RAM address
CN1D
Counter 1 data
0C
RAMA
CID RAM address
LCDD
LCD RAM data
CN2D
Counter 2 data
0D
RAMD
CID RAM data
TONE1C
TONE1 control
P7PHC
PORT7 pull high
0E
WUPC
Wake-up control, LCD control
TONE2C
TONE2 control
CNPSC
Open Drain Control, CNT1,2 CLK source,
CNT1,2 prescaler, LCD mode
0F
INTF
Interrupt flag
INTM
Interrupt mask
10
:
1F
16 bytes
Common registers
20
:
3F
Bank0~Bank22
Common registers
(32x8 for each bank)
Ps. 1. Register 20~3F has bank0~bank2 only. The bank3 doesn’t exist and cannot access it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com