Electronic Components Datasheet Search
  English  ▼

X  

EM78805C Datasheet(PDF) 39 Page - ELAN Microelectronics Corp

Part # EM78805C
Description  8-bit MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78805C Datasheet(HTML) 39 Page - ELAN Microelectronics Corp

Back Button EM78805C Datasheet HTML 33Page - ELAN Microelectronics Corp EM78805C Datasheet HTML 34Page - ELAN Microelectronics Corp EM78805C Datasheet HTML 35Page - ELAN Microelectronics Corp EM78805C Datasheet HTML 36Page - ELAN Microelectronics Corp EM78805C Datasheet HTML 37Page - ELAN Microelectronics Corp EM78805C Datasheet HTML 38Page - ELAN Microelectronics Corp EM78805C Datasheet HTML 39Page - ELAN Microelectronics Corp EM78805C Datasheet HTML 40Page - ELAN Microelectronics Corp EM78805C Datasheet HTML 41Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
EM78P803A
8-bit Micro-controller
_________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
35
2005/8/12
V1.3.3
Energy Detector (DED) (Ta=0
°C ~ 70°C, VDD=3.3V±5%, VSS=0V)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
IDED
Operating current for
Energy Detector
Fclk=32.768kHz
Not including MCU
and other parts
15
20
uA
XI. AC Electrical Characteristic
CPU instruction timing (Ta = 25
°C, AVDD=VDD=5V, VSS=0V)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input CLK duty cycle
Dclk
45
50
55
%
Instruction cycle time
Tins
32.768kHz
3.582MHz
60
550
us
ns
Device delay hold time
Tdrh
18
ms
TCC input period
Ttcc
Note 1
(Tins+20)/N
ns
Watchdog timer period
Twdt
Ta = 25
°C
16-30%
18
16+30%
ms
Note 1: N= selected prescaler ratio.
Timing characteristic (AVDD=VDD=5V,Ta=+25
°C)
Description
Symbol
Min
Typ
Max
Unit
Oscillator timing characteristic
Crystal start up
32.768kHz
Tosc
400
1500
ms
3.579MHz PLL
5
10
us
Timing characteristic of reset
The minimum width of reset low pulse
Trst
3
uS
The delay between reset and program start
Tdrs
18
mS
DED AC Characteristic (Vdd=+5V,Ta=+25℃)
Characteristic
Min
Typ
Max
Unit
Input sensitivity TIP and RING for DED, DEDTHD bit=0
-45
--
dBm
Input sensitivity TIP and RING for DED, DEDTHD bit=1
-30
--
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com