Electronic Components Datasheet Search
  English  ▼

X  

EM78805C Datasheet(PDF) 36 Page - ELAN Microelectronics Corp

Part # EM78805C
Description  8-bit MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78805C Datasheet(HTML) 36 Page - ELAN Microelectronics Corp

Back Button EM78805C Datasheet HTML 32Page - ELAN Microelectronics Corp EM78805C Datasheet HTML 33Page - ELAN Microelectronics Corp EM78805C Datasheet HTML 34Page - ELAN Microelectronics Corp EM78805C Datasheet HTML 35Page - ELAN Microelectronics Corp EM78805C Datasheet HTML 36Page - ELAN Microelectronics Corp EM78805C Datasheet HTML 37Page - ELAN Microelectronics Corp EM78805C Datasheet HTML 38Page - ELAN Microelectronics Corp EM78805C Datasheet HTML 39Page - ELAN Microelectronics Corp EM78805C Datasheet HTML 40Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
EM78P803A
8-bit Micro-controller
_________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
32
2005/8/12
V1.3.3
VII.13 ERIC Mode
The system has an optional RC mode. In this ERIC mode, user can connect PLLC to VDD with a resistor serially.
Then the system will generate a clock signal internally by an internal capacitor and external resistor on PLLC pin.
User can use only one resistor to replace the crystal oscillator in order to reduce PCB area and cost.
In ERIC mode, the main frequency is provided by ERIC oscillation and the sub frequency is provided by the
main frequency through the scaler. User can configure the scaler with different factors in order to get the suitable
match with peripheral of system (like LCD driver, dual tone generator) and main frequency. For example, for
low power application with LCD display, user can choose the frequency 1MHz with scale factor 32. The sub
frequency will be about 32kHz. With this frequency, the LCD panel can work well.
In the other hand, user can choose a suitable sub frequency which is different from 32kHz (For example, high
frequency LCD panel). Then choose the right Main frequency and set the scale factor correctly. But be careful,
the sub frequency you choose cannot let the other function work well (For example, tone generator). User can
refer following table to get 32kHz sub frequency.
The formula of ERIC frequency is f=1/(Rx5.25x10-12). For example, when R=100k Ohm, main frequency is
about 1.9MHz.The following table shows the suggested resistor and approximate main frequency. The scaler
doesn’t work when in crystal mode. In crystal mode, the sub frequency is always 32kHz. The following tables
shows the suggested serial connected resistor and generated main frequency, scale factor and sub frequency
Ext. Resistor
RC Frequency
Scale Factor
Sub. Frequency
1.5M
127k
4
31.8k
750k
254k
8
31.8k
360k
529k
16
33.1k
180k
1059k
32
33.1k
91k
2110k
64
33k
47k
4054k
128
31.7k
22k
8662k
256
33.8k
In ERIC mode, the main and sub frequency act at the same time. Thus, the operating modes of system are only
normal mode and sleep mode.
The frequency of ERIC oscillator affected by operating voltage. The higher operating voltage the MCU has, the
faster frequency the ERIC oscillator generates. According to our laboratory test, the following table shows the
highest frequency in different operating voltage. Notice that it is our laboratory measured data. It is probably
different in practical situation. And it will vary from different EM78801s. The resistance shows in the table
might not be suitable for the formula of ERIC oscillation mentioned before. The formula has a bit changed
because the frequency is too fast.
Power
ERIC Oscillation
Serial Resistance
1
2.2V
6.84MHz
30.13k
2
2.6V
9.96MHz
20.29k
3
3V
11.63MHz
18.4k
4
4V
15.11MHz
13.98k
5
5V
18.12MHz
11.75k
6
5.5V
19.27MHz
11.02k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com