Electronic Components Datasheet Search
  English  ▼

X  

PFS173 Datasheet(PDF) 73 Page - PADAUK Technology.

Part # PFS173
Description  8bit MTP Type MCU with 8-bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS173 Datasheet(HTML) 73 Page - PADAUK Technology.

Back Button PFS173 Datasheet HTML 69Page - PADAUK Technology. PFS173 Datasheet HTML 70Page - PADAUK Technology. PFS173 Datasheet HTML 71Page - PADAUK Technology. PFS173 Datasheet HTML 72Page - PADAUK Technology. PFS173 Datasheet HTML 73Page - PADAUK Technology. PFS173 Datasheet HTML 74Page - PADAUK Technology. PFS173 Datasheet HTML 75Page - PADAUK Technology. PFS173 Datasheet HTML 76Page - PADAUK Technology. PFS173 Datasheet HTML 77Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 105 page
background image
PFS173
8bit MTP MCU with 8-bit ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 73 of 105
PDK-DS-PFS173-EN_V105-Jun. 19, 2020
6.22. Port C Pull-Low Register (pcpl), IO address = 0x1a
Bit
Reset
R/W
Description
7 - 2
-
-
Reserved.
1
0
R/W
Port PC1 pull-low register.
0 / 1 : disable / enable
0
0
R/W
Port PC0 pull-low register.
0 / 1 : disable / enable
6.23. ADC Control Register (adcc), IO address = 0x20
Bit
Reset
R/W
Description
7
0
R/W
Enable ADC function. 0/1: Disable/Enable.
6
0
R/W
ADC process control bit.
Write “1” to start conversion
Read “1” to indicate the ADC is ready or end of conversion.
5 - 2
0000
R/W
Channel selector. These four bits are used to select input signal for AD conversion.
0000: PB0/AD0,
0001: PB1/AD1,
0010: PB2/AD2,
0011: PB3/AD3,
0100: PB4/AD4,
0101: PB5/AD5,
0110: PB6/AD6,
0111: PB7/AD7,
1000: PA3/AD8,
1001: PA4/AD9,
1010: PA0/AD10,
1011: PC1/AD11, (PA1 for ICE at this address)
1100: PC2/AD12, (PC1 for ICE at this address)
1111: (Channel F) Band-gap reference voltage
Others: reserved
0 - 1
-
-
Reserved. (keep 0 for future compatibility)
6.24. ADC Mode Register (adcm), IO address = 0x21
Bit
Reset
R/W
Description
7 - 4
-
-
Reserved. (keep 0 for future compatibility)
3 - 1
000
R/W
ADC clock source selection.
000: CLK (system clock) ÷ 1,
001: CLK (system clock) ÷ 2,
010: CLK (system clock) ÷ 4,
011: CLK (system clock) ÷ 8,
100: CLK (system clock) ÷ 16,
101: CLK (system clock) ÷ 32,
110: CLK (system clock) ÷ 64,
111: CLK (system clock) ÷ 128,
0
-
-
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com