Electronic Components Datasheet Search
  English  ▼

X  

PFS173 Datasheet(PDF) 78 Page - PADAUK Technology.

Part # PFS173
Description  8bit MTP Type MCU with 8-bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS173 Datasheet(HTML) 78 Page - PADAUK Technology.

Back Button PFS173 Datasheet HTML 74Page - PADAUK Technology. PFS173 Datasheet HTML 75Page - PADAUK Technology. PFS173 Datasheet HTML 76Page - PADAUK Technology. PFS173 Datasheet HTML 77Page - PADAUK Technology. PFS173 Datasheet HTML 78Page - PADAUK Technology. PFS173 Datasheet HTML 79Page - PADAUK Technology. PFS173 Datasheet HTML 80Page - PADAUK Technology. PFS173 Datasheet HTML 81Page - PADAUK Technology. PFS173 Datasheet HTML 82Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 105 page
background image
PFS173
8bit MTP MCU with 8-bit ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 78 of 105
PDK-DS-PFS173-EN_V105-Jun. 19, 2020
6.36. Timer3 Scalar Register (tm3s), IO address = 0x36
Bit
Reset
R/W
Description
7
0
WO
PWM resolution selection.
0 : 8-bit
1 : 6-bit or 7-bit (by code option TMx_bit)
6 - 5
00
WO
Timer3 clock pre-scalar.
00 : ÷ 1
01 : ÷ 4
10 : ÷ 16
11 : ÷ 64
4 - 0
00000
WO
Timer3 clock scalar.
6.37. Timer3 Bound Register (tm3b), IO address = 0x37
Bit
Reset
R/W
Description
7 - 0
0x00
WO
Timer3 bound register.
6.38. PWMG0 control Register (pwmg0c), IO address = 0x40
Bit
Reset
R/W
Description
7
-
-
Reserved.
6
-
RO
Output status of PWMG0 generator.
5
0
WO
Enable to inverse the polarity of PWMG0 generator output. 0 / 1: disable / enable.
4
0
WO
PWMG0 output selection.
0: PWMG0 Output
1: PWMG0 XOR PWMG1 or PWMG0 OR PWMG1 (by pwmg0c.0)
3 - 1
000
R/W
PWMG0 Output Port Selection
000: PWMG0 Output Disable
001: PWMG0 Output to PB5
010: PWMG0 Output to PC2
011: PWMG0 Output to PA0
100: PWMG0 Output to PB4
101: PWMG0 Output to PB6 (Available if the PB6 is not assigned to output PWMG1)
others: Reserved
0
0
R/W
PWMG0 output pre- selection.
0: PWMG0 XOR PWMG1
1: PWMG0 OR PWMG1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com