Electronic Components Datasheet Search
  English  ▼

X  

TLV9151 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9151
Description  TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9151 Datasheet(HTML) 1 Page - Texas Instruments

  TLV9151 Datasheet HTML 1Page - Texas Instruments TLV9151 Datasheet HTML 2Page - Texas Instruments TLV9151 Datasheet HTML 3Page - Texas Instruments TLV9151 Datasheet HTML 4Page - Texas Instruments TLV9151 Datasheet HTML 5Page - Texas Instruments TLV9151 Datasheet HTML 6Page - Texas Instruments TLV9151 Datasheet HTML 7Page - Texas Instruments TLV9151 Datasheet HTML 8Page - Texas Instruments TLV9151 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
R
G
R
F
R
1
C
1
V
IN
V
OUT
= 1 +
V
V
OUT
IN
R
R
F
G
1
1 + sR C
1
1
(
((
(
1
2pR C
1
1
f
=
-
3 dB
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
TLV9151, TLV9152, TLV9154
SBOS986B – OCTOBER 2019 – REVISED MAY 2020
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
1
1 Features
1
•
Low offset voltage: ±125 µV
•
Low offset voltage drift: ±0.3 µV/°C
•
Low noise: 10.5 nV/
√Hz at 1 kHz
•
High common-mode rejection: 120 dB
•
Low bias current: ±10 pA
•
Rail-to-rail input and output
•
Wide bandwidth: 4.5-MHz GBW
•
High slew rate: 20 V/µs
•
Low quiescent current: 560 µA per amplifier
•
Wide supply: ±1.35 V to ±8 V, 2.7 V to 16 V
•
Robust EMIRR performance: EMI/RFI filters on
input pins
•
Differential and common-mode input voltage
range to supply rail
•
Industry standard packages:
–
Single in SOT-23-5, SC70-5, and SOT553
–
Dual in SOIC-8, SOT-23-8, TSSOP-8, VSSOP-
8, WSON-8, and X2QFN-10
–
Quad in SOIC-14, TSSOP-14, WQFN-14, and
WQFN-16
2 Applications
•
Professional microphones & wireless systems
•
Multiplexed data-acquisition systems
•
Test and measurement equipment
•
Factory automation & control
•
High-side and low-side current sensing
3 Description
The
TLV915x
family
(TLV9151,
TLV9152,
and
TLV9154) is a family of 16-V, general purpose
operational
amplifiers.
These
devices
offer
exceptional DC precision and AC performance,
including rail-to-rail output, low offset (±125 µV, typ),
low offset drift (±0.3 µV/°C, typ), and 4.5-MHz
bandwidth.
Convenient features such as wide differential input-
voltage range, high output current (±75 mA), high
slew rate (20 V/μs), and low noise (10.5 nV/√Hz)
make the TLV915x a robust, low-noise operational
amplifier for industrial applications.
The TLV915x family of op amps is available in
standard packages and is specified from –40°C to
125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV9151
SOT-23 (5)(2)
2.90 mm × 1.60 mm
SOT-23 (6)(2)
2.90 mm × 1.60 mm
SC70 (5)(2)
2.00 mm × 1.25 mm
SOT-553 (5)(2)
1.60 mm × 1.20 mm
TLV9152
SOIC (8)
4.90 mm × 3.90 mm
TSSOP (8)
3.00 mm × 4.40 mm
VSSOP (8)(2)
3.00 mm × 3.00 mm
VSSOP (10)(2)
3.00 mm × 3.00 mm
WSON (8)
2.00 mm × 2.00 mm
X2QFN (10)
1.50 mm × 1.50 mm
TLV9154
SOIC (14)(2)
8.65 mm × 3.90 mm
TSSOP (14)(2)
5.00 mm × 4.40 mm
WQFN (16)(2)
3.00 mm × 3.00 mm
X2QFN (14)(2)
2.00 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) This package is preview only.
TLV915x in a Single-Pole, Low-Pass Filter


Similar Part No. - TLV9151

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9151 TI1-TLV9151 Datasheet
1Mb / 37P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI1-TLV9151 Datasheet
3Mb / 52P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI1-TLV9151 Datasheet
3Mb / 52P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI-TLV9151 Datasheet
4Mb / 61P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI-TLV9151 Datasheet
5Mb / 72P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
More results

Similar Description - TLV9151

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9152 TI1-TLV9152 Datasheet
1Mb / 37P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI1-TLV9151 Datasheet
3Mb / 52P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9152-Q1 TI1-TLV9152-Q1 Datasheet
1Mb / 38P
TLV915x-Q1 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Automotive Op Amp
TLV9151 TI1-TLV9151_V01 Datasheet
3Mb / 52P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI-TLV9151_V02 Datasheet
4Mb / 61P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI-TLV9151_V04 Datasheet
5Mb / 72P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI-TLV9151_V05 Datasheet
5Mb / 76P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151-Q1 TI-TLV9151-Q1 Datasheet
3Mb / 49P
TLV915x-Q1 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Automotive Op Amp
TLV9151-Q1 TI-TLV9151-Q1_V01 Datasheet
3Mb / 52P
TLV915x-Q1 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Automotive Op Amp
TLV9151 TI-TLV9151_V06 Datasheet
5Mb / 77P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
JANUARY 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com