Electronic Components Datasheet Search
  English  ▼

X  

TLV9151 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9151
Description  TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9151 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV9151 Datasheet HTML 9Page - Texas Instruments TLV9151 Datasheet HTML 10Page - Texas Instruments TLV9151 Datasheet HTML 11Page - Texas Instruments TLV9151 Datasheet HTML 12Page - Texas Instruments TLV9151 Datasheet HTML 13Page - Texas Instruments TLV9151 Datasheet HTML 14Page - Texas Instruments TLV9151 Datasheet HTML 15Page - Texas Instruments TLV9151 Datasheet HTML 16Page - Texas Instruments TLV9151 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
13
TLV9151, TLV9152, TLV9154
www.ti.com
SBOS986B – OCTOBER 2019 – REVISED MAY 2020
Product Folder Links: TLV9151 TLV9152 TLV9154
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Electrical Characteristics (continued)
For VS = (V+) – (V–) = 2.7 V to 16 V (±1.35 V to ±8 V) at TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT =
VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(2)
Disable time (tOFF) and enable time (tON) are defined as the time interval between the 50% point of the signal applied to the SHDN pin
and the point at which the output voltage reaches the 10% (disable) or 90% (enable) level.
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
4.5
MHz
SR
Slew rate
VS = 16 V, G = +1, CL = 20 pF
20
V/μs
tS
Settling time
To 0.01%, VS = 16 V, VSTEP = 10 V , G = +1, CL = 20 pF
2.5
μs
To 0.01%, VS = 16 V, VSTEP = 2 V , G = +1, CL = 20 pF
1.5
To 0.1%, VS = 16 V, VSTEP = 10 V , G = +1, CL = 20 pF
2
To 0.1%, VS = 16 V, VSTEP = 2 V , G = +1, CL = 20 pF
1
Phase margin
G = +1, RL = 10 kΩ
60
°
Overload recovery time
VIN × gain > VS
600
ns
THD+N
Total harmonic distortion
+ noise
VS = 16 V, VO = 3 VRMS, G = 1, f = 1 kHz
0.0001%
OUTPUT
Voltage output swing
from rail
Positive and negative rail headroom
VS = 16 V, RL = no load
(1)
5
10
mV
VS = 16 V, RL = 10 kΩ
50
55
VS = 16 V, RL = 2 kΩ
200
250
VS = 2.7 V, RL = no load
(1)
1
6
VS = 2.7 V, RL = 10 kΩ
5
12
VS = 2.7 V, RL = 2 kΩ
25
40
ISC
Short-circuit current
±75
mA
CLOAD
Capacitive load drive
1000
pF
ZO
Open-loop output
impedance
f = 1 MHz, IO = 0 A
400
Ω
POWER SUPPLY
IQ
Quiescent current per
amplifier
IO = 0 A
560
685
µA
TA = –40°C to 125°C
735
SHUTDOWN
IQSD
Quiescent current per
amplifier
VS = 2.7 V to 40 V, all amplifiers disabled, SHDN = V–
30
45
µA
ZSHDN
Output impedance
during shutdown
VS = 2.7 V to 40 V, amplifier disabled
10 || 2
GΩ || pF
VIH
Logic high threshold
voltage (amplifier
enabled)
(V–) + 1.1
V
VIL
Logic low threshold
voltage (amplifier
disabled)
(V–) + 0.2
V
tON
Amplifier enable
time (2)
G = +1, VCM = V-, VO = 0.1 × VS/2
8
µs
tOFF
Amplifier disable time (2)
VCM = V-, VO = VS/2
3
µs
SHDN pin input bias
current (per pin)
VS = 2.7 V to 40 V, (V+) ≥ SHDN ≥ (V–) + 0.9 V
500
nA
VS = 2.7 V to 40 V, (V–) ≤ SHDN ≤ (V–) + 0.7 V
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com