Electronic Components Datasheet Search
  English  ▼

X  

TLV9151 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9151
Description  TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9151 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLV9151 Datasheet HTML 18Page - Texas Instruments TLV9151 Datasheet HTML 19Page - Texas Instruments TLV9151 Datasheet HTML 20Page - Texas Instruments TLV9151 Datasheet HTML 21Page - Texas Instruments TLV9151 Datasheet HTML 22Page - Texas Instruments TLV9151 Datasheet HTML 23Page - Texas Instruments TLV9151 Datasheet HTML 24Page - Texas Instruments TLV9151 Datasheet HTML 25Page - Texas Instruments TLV9151 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
Reference
Current
V+
V
IN+
V
INÛ
VÛ
(Ground)
V
BIAS2
V
BIAS1
Class AB
Control
Circuitry
V
O
22
TLV9151, TLV9152, TLV9154
SBOS986B – OCTOBER 2019 – REVISED MAY 2020
www.ti.com
Product Folder Links: TLV9151 TLV9152 TLV9154
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TLV915x family (TLV9151, TLV9152, and TLV9154) is a family of 16-V general purpose operational
amplifiers.
These devices offer excellent DC precision and AC performance, including rail-to-rail input/output, low offset
(±125 µV, typ), low offset drift (±0.3 µV/°C, typ), and 4.5-MHz bandwidth.
Wide differential and common-mode input-voltage range, high output current (±80 mA), high slew rate (21 V/µs),
low power operation (560 µA, typ) and shutdown functionality make the TLV915x a robust, high-speed, high-
performance operational amplifier for industrial applications.
7.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com