Electronic Components Datasheet Search
  English  ▼

X  

TLV9151 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9151
Description  TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9151 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLV9151 Datasheet HTML 20Page - Texas Instruments TLV9151 Datasheet HTML 21Page - Texas Instruments TLV9151 Datasheet HTML 22Page - Texas Instruments TLV9151 Datasheet HTML 23Page - Texas Instruments TLV9151 Datasheet HTML 24Page - Texas Instruments TLV9151 Datasheet HTML 25Page - Texas Instruments TLV9151 Datasheet HTML 26Page - Texas Instruments TLV9151 Datasheet HTML 27Page - Texas Instruments TLV9151 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 63 page
background image
Cap Load (pF)
0
40
80
120
160
200
240
280
320
360
5
10
15
20
25
30
35
40
45
50
55
C008
RISO = 0 :, Positive Overshoot
RISO = 0 :, Negative Overshoot
RISO = 50 :, Positive Overshoot
RISO = 50 :, Negative Overshoot
Cap Load (pF)
0
40
80
120
160
200
240
280
320
360
3
6
9
12
15
18
21
24
27
30
33
C007
RISO = 0 :, Positive Overshoot
RISO = 0 :, Negative Overshoot
RISO = 50 :, Positive Overshoot
RISO = 50 :, Negative Overshoot
140ºC
3 V
0 V
150°C
16 V
RL
100
VIN
3 V
+
3 V
–
I
OUT = 30 mA
TLV9151
TA = 100°C
PD = 0.39W
JA = 138.7°C/W
TJ = 138.7°C/W × 0.39W + 100°C
TJ = 154.1°C (expected)
+
–
Normal
Operation
Output
High-Z
24
TLV9151, TLV9152, TLV9154
SBOS986B – OCTOBER 2019 – REVISED MAY 2020
www.ti.com
Product Folder Links: TLV9151 TLV9152 TLV9154
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
7.3.2 Thermal Protection
The internal power dissipation of any amplifier causes its internal (junction) temperature to rise. This
phenomenon is called self heating. The absolute maximum junction temperature of the TLV915x is 150°C.
Exceeding this temperature causes damage to the device. The TLV915x has a thermal protection feature that
reduces damage from self heating. The protection works by monitoring the temperature of the device and turning
off the op amp output drive for temperatures above 170°C. Figure 43 shows an application example for the
TLV9151 that has significant self heating because of its power dissipation (0.81 W). Thermal calculations indicate
that for an ambient temperature of 65°C, the device junction temperature must reach 177°C. The actual device,
however, turns off the output drive to recover towards a safe junction temperature. Figure 43 shows how the
circuit behaves during thermal protection. During normal operation, the device acts as a buffer so the output is 3
V. When self heating causes the device junction temperature to increase above the internal limit, the thermal
protection forces the output to a high-impedance state and the output is pulled to ground through resistor RL. If
the condition that caused excessive power dissipation is not removed, the amplifier will oscillate between a
shutdown and enabled state until the output fault is corrected.
Figure 43. Thermal Protection
7.3.3 Capacitive Load and Stability
The TLV915x features a resistive output stage capable of driving moderate capacitive loads, and by leveraging
an isolation resistor, the device can easily be configured to drive large capacitive loads. Increasing the gain
enhances the ability of the amplifier to drive greater capacitive loads; see Figure 44 and Figure 45. The particular
op amp circuit configuration, layout, gain, and output loading are some of the factors to consider when
establishing whether an amplifier will be stable in operation.
Figure 44. Small-Signal Overshoot vs Capacitive Load (10-
mV Output Step, G = 1)
Figure 45. Small-Signal Overshoot vs Capacitive Load (10-
mV Output Step, G = –1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com