Electronic Components Datasheet Search
  English  ▼

X  

NJW1508 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJW1508
Description  PLL Synthesizer with IC Bus for TV Tuner
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1508 Datasheet(HTML) 4 Page - New Japan Radio

  NJW1508 Datasheet HTML 1Page - New Japan Radio NJW1508 Datasheet HTML 2Page - New Japan Radio NJW1508 Datasheet HTML 3Page - New Japan Radio NJW1508 Datasheet HTML 4Page - New Japan Radio NJW1508 Datasheet HTML 5Page - New Japan Radio NJW1508 Datasheet HTML 6Page - New Japan Radio NJW1508 Datasheet HTML 7Page - New Japan Radio NJW1508 Datasheet HTML 8Page - New Japan Radio NJW1508 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NJW1504/1508
- 4 -
n TEST CIRCUIT
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
4MHz
5V
100
34V
VS3
5V
2mV
1kHz
VS2
2.5V
VS1
4.7V or 0.3V
COUNTER
5V
50
SG
-20dBm
1n
18p
OSC OUT
SCL
SDA
270
316k



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com