Electronic Components Datasheet Search
  English  ▼

X  

NJW1508 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJW1508
Description  PLL Synthesizer with IC Bus for TV Tuner
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1508 Datasheet(HTML) 5 Page - New Japan Radio

  NJW1508 Datasheet HTML 1Page - New Japan Radio NJW1508 Datasheet HTML 2Page - New Japan Radio NJW1508 Datasheet HTML 3Page - New Japan Radio NJW1508 Datasheet HTML 4Page - New Japan Radio NJW1508 Datasheet HTML 5Page - New Japan Radio NJW1508 Datasheet HTML 6Page - New Japan Radio NJW1508 Datasheet HTML 7Page - New Japan Radio NJW1508 Datasheet HTML 8Page - New Japan Radio NJW1508 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NJW1504/1508
- 5 -
n I
2C bus Protocols
The input information, which consists of chip address and next two or four byte data, is received by I
2C bus
receiver. The allowable I
2C bus protocols are as follows.
(1) STA CA CB BB STO
(2) STA CA D1 D2 STO
(3) STA CA CB BB D1 D2 STO
(4) STA CA D1 D2 CB BB STO
STA: Start Condition
STO: Stop Condition
CA: Chip Address
CB: Control Byte
BB: Band switch Byte
D1: Divider Byte 1
D2: Divider Byte 2
For suitable circuit operation,5-byte data should have chip address, 2-byte control data, band data, and 2-byte
divider byte. Following chip address. 2-byte data is received. For distinction of each data, first and third data
byte has a function bit. As function bit, divider byte has “1” and control/band data has “0”.
1-7
9
S DA
SCL
STA
ADDRESS
R/W
1 -7
ACK
DATA
8
8
9
9
ACK
ACK
STO



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com