Electronic Components Datasheet Search
  English  ▼

X  

NJW1508 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJW1508
Description  PLL Synthesizer with IC Bus for TV Tuner
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1508 Datasheet(HTML) 6 Page - New Japan Radio

Back Button NJW1508 Datasheet HTML 2Page - New Japan Radio NJW1508 Datasheet HTML 3Page - New Japan Radio NJW1508 Datasheet HTML 4Page - New Japan Radio NJW1508 Datasheet HTML 5Page - New Japan Radio NJW1508 Datasheet HTML 6Page - New Japan Radio NJW1508 Datasheet HTML 7Page - New Japan Radio NJW1508 Datasheet HTML 8Page - New Japan Radio NJW1508 Datasheet HTML 9Page - New Japan Radio NJW1508 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NJW1504/1508
- 6 -
n Data Format
Parameter
Symbol
MSB
LSB
Chip Address
CA
1
1
0
0
0
CA1
CA0
0
A
Divider Byte 1
D1
0
N14
N13
N12
N11
N10
N9
N8
A
Divider Byte 2
D2
N7
N6
N5
N4
N3
N2
N1
N0
A
Control Byte
CB
1
CP
T2
T1
T0
RD1
RD0
×
A
Band switch Byte
BB
×
×
×
×
BS3
BS2
BS1
BS0
A
· Data specifications
×
: don’t care ;0 or 1
CA1, CA0
: Programmable address bits
ADRS Voltage
CA1
CA0
Always valid
0
1
0 to 0.1 Vcc1
0
0
0.4 Vcc1 to 0.6 Vcc1
1
0
0.9 Vcc1 to Vcc1
1
1
BS0 to BS3
: Band switch buffers Control bits, BSn=1 then “ON”
N0 to N14
: Control of Programmable divider bits, N14=MSB N0=LSB
Dividing ratio : N=2
14 ×N14+213× N13+······ +21×N1+N0
Maximum division ratio 32767
Minimum division ratio
256
CP : Charge Pump Current
CP
Charge Pump Current
Conditions
1
280µA
Normal, Default
0
60µA
Test
T0 to T2
:Test mode bits
T0,T1,T2 :Phase Comparator Output bits
T2
T1
T0
Phase Comparator, Band Switch
Conditions
0
0
×
Normal Output
Normal, Default
1
0
1
Phase Comparator (High Impedance)
Test
1
1
0
Phase Comparator (Sink)
Test
1
1
1
Phase Comparator (Source)
Test
RD1,RD0 : Reference Divider bits
RD1
RD2
Reference Divider
Conditions
×
0
640
1
1
512
Default
0
1
1024
(Note)
Default : Power on reset



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com